Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L151C8T6 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM32L151C8T6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151C8T6 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM32L151C8T6 Datasheet HTML 8Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 9Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 10Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 11Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 12Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 13Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 14Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 15Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 121 page
background image
Functional overview
STM32L151x6/8/B, STM32L152x6/8/B
12/121
Doc ID 17659 Rev 8
3
Functional overview
Figure 1 shows the block diagrams.
Figure 1.
Ultra-low-power STM32L15xxx block diagram
1.
AF = alternate function on I/O port pin.
EXT. IT
WWDG
12-bit ADC
JT AG & SW
24 A F
JT D I
JT CK/ S WCLK
JTMS /S WDAT
NJT R ST
JTDO
NRST
V DD =1. 65 V to 3.6 V
83A F
AH B2
US B_DP
US B_DM
MO S I,MIS O, S CK, NS S
WKU P
F ma x :32 MH z
V SS
S C L, SD A, SMB u s ,P MB u s
I2C 2
V DDREF _ADC
*
GP D MA
TIM2
TIM3
X T AL O S C
1-24 MHz
X T A L 32 kHz
OSC_IN
OSC_OUT
OS C32 _OUT
OS C32 _IN
PLL &
A HBP CL K
HC L K
clock
management
AP BP CL K
as AF
as AF
VO LT. R E G.
VCO R E
PO WE R
as A F
TIM4
RT C
RC HS
Ibus
Db us
pbus
US B RAM 512 B
US ART 1
US ART 2
SP I2
7 c h annels
SC L, S D A
I2C 1
as AF
RX ,T X , CT S , RT S ,
US ART 3
Te mp s ens or
V SS REF_ ADC
*
4Ch an nels
4Ch an nels
4Ch an nels
FC LK
IWDG
@V DD
Supply
monitoring
@V DD A
VDDA /
VSS A
@V DD A
S m artC ard a s AF
RX ,T X , C T S, R T S,
S m ar tC ar d as AF
RX ,TX, C T S, R T S,
S m artCa rd as A F
NV IC
SPI 1
MOSI ,MIS O,
SC K, NS S as AF
IF
@VD D A
PV D
Power reset
Int
AHB 2
AW U
@V DD A
RTC_OUT, RTC_TS,RTC_TAMP
Syst em
P A [15:0 ]
P B [15:0 ]
P C [15:0 ]
PD[ 15:0]
PE[1 5:0 ]
LCD 8x4 0 (4x44 )
SEG x
COM x
IF
IF
IF
@V DD A
DAC_OUT1 as AF
MP U
Co m p 2
COMP2 _IN- /IN+
Co m p 1
TIM6
TIM7
M
TI M9
TI M10
TI M11
2 Channe ls
1 C h annel
1 Channel
General purpose
timers
128 KB Flash
4 KB data EEPROM
LCD step-up
converter
V LCD =2.5 V to 3.6 V
BA SI C T IME RS
RTC_AFIN
VR EF O U TPU T
Ai15687h
Cortex-M3 CPU
Trace controller
ETM
RAM
16 KB
12-bit DAC1
12-bit DAC2
GPIOA
GPIOB
GPIOC
GPIOD
GPIOE
TRACECK, TRACED0, TRACED1, TRACED2, TRACED3
RC MS
RC LS
Standby interface
Backup interface
USB 2.0 FS device
BOR/V REFINT
Power-up/
Power-down
Backup
register
PH[2 :0 ]
GPIOH
DAC_OUT2 as AF
AHB/APB2
AHB/APB1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com