Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9789BBCZ Datasheet(PDF) 34 Page - Analog Devices

Part # AD9789BBCZ
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBCZ Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9789BBCZ Datasheet HTML 30Page - Analog Devices AD9789BBCZ Datasheet HTML 31Page - Analog Devices AD9789BBCZ Datasheet HTML 32Page - Analog Devices AD9789BBCZ Datasheet HTML 33Page - Analog Devices AD9789BBCZ Datasheet HTML 34Page - Analog Devices AD9789BBCZ Datasheet HTML 35Page - Analog Devices AD9789BBCZ Datasheet HTML 36Page - Analog Devices AD9789BBCZ Datasheet HTML 37Page - Analog Devices AD9789BBCZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 76 page
background image
AD9789
Rev. A | Page 34 of 76
Table 32. Data Control Register (Address 0x21)
Bit
Bit Name
Description
7
BIN
This bit selects the coding for the device.
0 = twos complement coding.
1 = straight binary coding.
[6:5]
BUSWDTH[1:0]
These bits set the input data bus width for the device.
4
DATWDTH
Setting
Input Bus Width
00
4 bits
01
8 bits
10
16 bits
11
This bit sets the data-word width that is sent to the datapaths.
0 = 8-bit data-word.
1 = 16-bit data-word.
3
CMPLX
This bit configures the datapath for real or complex data.
0 = real data.
1 = complex data.
32 bits
[2:0]
LTNCY[2:0]
These bits set the turnaround latency from the FS pulse to the internal data sampling time. For more information,
see the Latency Register section.
Setting
Latency
000
Input data begins to be sampled at approximately the first rising edge of DCO after FS
goes low.
001
Input data begins to be sampled at approximately the second rising edge of DCO after
FS goes low.
…
…
111
Input data begins to be sampled at approximately the eighth rising edge of DCO after
FS goes low.
Table 33. DCO Frequency Register (Address 0x22)
Bit
Bit Name
Description
7
Reserved
Reserved.
[6:4]
DCODIV[2:0]
These bits configure the data clock output (DCO) frequency.
[3:0]
Setting
DCO Clock Frequency
000
DCO clock disabled
001
fDACCLK/16
010
fDACCLK/32
011
Invalid
100
fDACCLK/64
101
Invalid
11x
ONES[3:0]
These bits always read back 1111.
Invalid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com