Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9789BBCZ Datasheet(PDF) 41 Page - Analog Devices

Part # AD9789BBCZ
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBCZ Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9789BBCZ Datasheet HTML 37Page - Analog Devices AD9789BBCZ Datasheet HTML 38Page - Analog Devices AD9789BBCZ Datasheet HTML 39Page - Analog Devices AD9789BBCZ Datasheet HTML 40Page - Analog Devices AD9789BBCZ Datasheet HTML 41Page - Analog Devices AD9789BBCZ Datasheet HTML 42Page - Analog Devices AD9789BBCZ Datasheet HTML 43Page - Analog Devices AD9789BBCZ Datasheet HTML 44Page - Analog Devices AD9789BBCZ Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 76 page
background image
AD9789
Rev. A | Page 41 of 76
–3.01dB
0dB
FREQUENCY
<0.4dB
<0.4dB
<–43dB
(1 –α)
fN
fN
(1 +α)
fN
Figure 77. SRRC Filter Characteristics
If the SRRC filter is used, at least four of the 2× interpolation
filters must be enabled. The reason for this is that the SRRC
filter requires a minimum of 12 clock cycles at the fDAC/16 rate
per sample to function properly.
Half-Band Interpolation Filters
The AD9789 can provide from 1× to 32× interpolation through
the datapath using five bypassable half-band interpolation filters.
The half-band interpolation filters are controlled via Register
0x06[4:0]. The preferred order in terms of power savings for
bypassing these filters is to bypass Filter 0 first, then Filter 1,
and so on. The frequency response of the low-pass filters is
shown in Figure 79 through Figure 82. All of the filters have a
pass band of 0.8 × fINPUT, where fINPUT is the data rate at the input
of each filter. The pass band is flat to within 0.01 dB for all
filters. The stop-band attenuation exceeds 85 dB in Filter 0,
Filter 1, and Filter 2, and 75 dB in Filter 3 and Filter 4.
2
0
1
BYPASS
REGISTER 0x06[4:0]
Figure 78. Conceptual Block Diagram of 2× Half-Band Interpolation Filters
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
FREQUENCY ×
fINPUT (Hz)
Figure 79. 2× Half-Band Interpolation Filter 0 Response
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
FREQUENCY ×
fINPUT (Hz)
Figure 80. 2× Half-Band Interpolation Filter 1 Response
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
FREQUENCY ×
fINPUT (Hz)
Figure 81. 2× Half-Band Interpolation Filter 2 Response
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–1.875
–1.250
–0.625
0
0.625
1.250
1.875
FREQUENCY ×
fINPUT (Hz)
Figure 82. 2× Half-Band Interpolation Filter 3 and Filter 4 Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com