Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9789BBCZ Datasheet(PDF) 37 Page - Analog Devices

Part # AD9789BBCZ
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBCZ Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9789BBCZ Datasheet HTML 33Page - Analog Devices AD9789BBCZ Datasheet HTML 34Page - Analog Devices AD9789BBCZ Datasheet HTML 35Page - Analog Devices AD9789BBCZ Datasheet HTML 36Page - Analog Devices AD9789BBCZ Datasheet HTML 37Page - Analog Devices AD9789BBCZ Datasheet HTML 38Page - Analog Devices AD9789BBCZ Datasheet HTML 39Page - Analog Devices AD9789BBCZ Datasheet HTML 40Page - Analog Devices AD9789BBCZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 76 page
background image
AD9789
Rev. A | Page 37 of 76
Table 42. Mu Delay Control 2 Register (Address 0x33)
Bit
Bit Name
Description
7
MU_CLKDIS
This bit disables or enables the clock to the mu delay controller.
0 = enabled.
1 = disabled.
6
SLOPE
This bit configures the desired slope for the phase measurement of the mu delay. When the desired phase is
measured, the slope of the phase measurement is calculated and compared to the value of this bit. For optimal
ac performance, the best setting for the search is a positive slope and a phase value of 14.
0 = negative.
1 = positive.
[5:4]
MODE[1:0]
These bits configure the mode of operation for the mu controller.
00 = search and track (recommended).
01 = track only.
10 = search only.
11 = invalid.
3
MUSAMP
Transitioning this bit from 0 to 1 enables the user to read back the mu delay value that the controller locked to
(the MUDLY bits in Register 0x39 and Register 0x3A), as well as the phase that it locked to (the MUPHZ bits in
Register 0x39).
0 = no action.
1 = transition from 0 to 1 captures the readback of the mu controller phase and delay.
[2:1]
GAIN[1:0]
These bits set the tracking rate of the mu controller.
00 = slowest tracking.
01 = nominal tracking (recommended).
10 = fastest tracking.
11 = invalid (do not use).
0
MU_EN
This bit enables or disables the mu controller. Before enabling the mu controller, turn on both the phase
comparator boost (Register 0x3E[5]) and the mu control duty cycle correction circuitry (Register 0x30[7]). Both
of these functions allow for more robust operation of the mu controller over the entire operating speed of the
part.
0 = mu controller off (manual mode).
1 = mu controller on (auto mode).
Table 43. DAC Bias Register (Address 0x36)
Bit
Bit Name
Description
7
PDBIAS
Setting this bit to 1 powers down the DAC circuitry.
[6:2]
Reserved
Reserved.
[1:0]
MSEL[1:0]
These bits set the mirror roll-off frequency control, which can be used to adjust the noise contribution of the
internal current mirror to optimize the 1/f noise.
00 = bypass the mirror roll-off frequency control.
01 = narrowest bandwidth.
10 = medium bandwidth.
11 = widest bandwidth.
Table 44. DAC Decoder Register (Address 0x38)
Bit
Bit Name
Description
[7:2]
Reserved
Reserved.
[1:0]
DAC decoder
mode
These bits set the decoder mode for the DAC. It is recommended that normal mode (the default) be used.
00 = normal mode.
01 = return to zero mode.
10 = mix mode.
11 = invalid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com