Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9789BBCZ Datasheet(PDF) 56 Page - Analog Devices

Part # AD9789BBCZ
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBCZ Datasheet(HTML) 56 Page - Analog Devices

Back Button AD9789BBCZ Datasheet HTML 52Page - Analog Devices AD9789BBCZ Datasheet HTML 53Page - Analog Devices AD9789BBCZ Datasheet HTML 54Page - Analog Devices AD9789BBCZ Datasheet HTML 55Page - Analog Devices AD9789BBCZ Datasheet HTML 56Page - Analog Devices AD9789BBCZ Datasheet HTML 57Page - Analog Devices AD9789BBCZ Datasheet HTML 58Page - Analog Devices AD9789BBCZ Datasheet HTML 59Page - Analog Devices AD9789BBCZ Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 76 page
background image
AD9789
Rev. A | Page 56 of 76
VOLTAGE REFERENCE
The AD9789 output current is set by a combination of digital
control bits and the I120 reference current, as shown in
Figure 108.
CURRENT
SCALING
FSC[9:0]
AD9789
DAC
FULL-SCALE
CURRENT
10kΩ
1nF
VREF
I120
AVSS
I120
VBG
1.2V
+
–
Figure 108. Voltage Reference Circuit
The reference current is obtained by forcing the band gap
voltage across an external 10 kΩ resistor from I120 (Pin B14) to
ground. The 1.2 V nominal band gap voltage, VREF (Pin C14),
generates a 120 μA reference current in the 10 kΩ resistor. This
current is adjusted digitally by FSC[7:0] (Register 0x3C[7:0])
and FSC[9:8] (Register 0x3D[1:0]) to set the output full-scale
current, IFS, in milliamperes.
IFS = 0.023 × FSC[9:0] + 8.58
The full-scale output current range is approximately 8.6 mA to
32.1 mA for register values from 0x000 to 0x3FF. The default
value of 0x200 generates 20 mA full scale. The typical range is
shown in Figure 109.
35
30
25
20
15
10
5
0
0
200
400
600
800
DAC GAIN CODE
1000
Figure 109. Full-Scale Current vs. DAC Gain Code
Always connect a 10 kΩ resistor from the I120 pin to ground
and use the digital controls to adjust the full-scale current. The
AD9789 is not a multiplying DAC. Applying an analog signal to
I120 is not supported.
VREF (Pin C14) must be bypassed to ground with a 1 nF
capacitor. The band gap voltage is present on this pin and can
be buffered for use in external circuitry. The typical output
impedance is near 5 kΩ. If desired, an external reference can be
used to overdrive the internal reference by connecting it to the
VREF pin.
IPTAT (Pin D14) is used for factory testing and can simply be
left floating. IPTAT is an output current that is proportional to
absolute temperature. At 25°C, the output current is approx-
imately 10 μA and follows a slope of approximately 20 nA/°C.
For optimal DOCSIS 3.0 ACLR performance, the full-scale
output current settings provided in Table 75 are recommended.
Table 75. Recommended Full-Scale Current Settings vs.
Number of QAM Channels
Number of
QAM Channels
Recommended IFS (mA)
FSC[9:0]
1
20
512
2
25
720
3
25
720
4
25
720
DAC OUTPUT STAGES
To properly evaluate the AD9789 in the lab, three distinct
output coupling circuits were used.
Figure 110 shows the optimal output network when measuring
traditional DAC performance specifications such as SFDR and
IMD performance with sine waves.
90Ω
70Ω
IOUTP
IOUTN
90Ω
JTX-2-10T
Figure 110. Recommended Transformer Output Stage
for Single-Tone/Multitone Measurements
Figure 111 shows the optimal output network when measuring
signals in mix mode (second or third Nyquist zone). The band-
width of the center tap transformer is not sufficient to support
mix mode outputs, so the best solution is to use a wideband
balun by itself.
90Ω
70Ω
IOUTP
IOUTN
MABACT0039
90Ω
Figure 111. Recommended Transformer Output Stage for Mix Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com