Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9789BBCZ Datasheet(PDF) 53 Page - Analog Devices

Part # AD9789BBCZ
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBCZ Datasheet(HTML) 53 Page - Analog Devices

Back Button AD9789BBCZ Datasheet HTML 49Page - Analog Devices AD9789BBCZ Datasheet HTML 50Page - Analog Devices AD9789BBCZ Datasheet HTML 51Page - Analog Devices AD9789BBCZ Datasheet HTML 52Page - Analog Devices AD9789BBCZ Datasheet HTML 53Page - Analog Devices AD9789BBCZ Datasheet HTML 54Page - Analog Devices AD9789BBCZ Datasheet HTML 55Page - Analog Devices AD9789BBCZ Datasheet HTML 56Page - Analog Devices AD9789BBCZ Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 76 page
background image
AD9789
Rev. A | Page 53 of 76
LVDS Interface Timing
When the AD9789 is configured with an LVDS interface
(CMOS_CTRL = CMOS_BUS = 0 V), an LVDS data clock out-
put signal, DCO, is provided to drive data from the data source.
The LVDS interface may be single data rate (SDR) or double
data rate (DDR) depending on the bus width configuration. In
SDR, data is sampled into the part only on the falling edge of
the internal sampling clock (DSC). Note that the frequency of
DCO is equal to the frequency of DSC, so the effective data rate
is equal to the DCO frequency. The phase relationship between
DCO and DSC is determined by DSCPHZ (Register 0x23[7:4]).
In DDR, data is sampled into the part on both the rising and falling
edges of DSC, so the effective data rate is equal to twice the DCO
frequency. The interface is DDR only when the bus width is equal to
32 bits. The DCO frequency is equal to fDAC/16 when DCODIV = 1.
The timing of the input data is referenced to DCO for a given phase
of DSC. The LVDS input data timing over temperature is shown
in Table 70 for DCO_INV = 0 (Register 0x20[4]), DSCPHZ = 0
(Register 0x23[7:4]), and DCODIV = 1 (Register 0x22[6:4]).
Table 70. LVDS Data Input Timing with Respect to DCO
Temperature
Min tS (ns)
Min tH (ns)
Min DVW (ns)
−40°C
1.04
0.24
1.28
+25°C
1.23
0.16
1.39
+85°C
1.41
0.03
1.44
−40°C to +85°C
1.41
0.24
1.65
In DDR mode, these setup and hold times must be applied to
both edges of DCO. In SDR mode, these setup and hold times
must be applied to the falling edge of DCO.
For any value of DSCPHZ greater than 0, the setup and hold
times shift by increments of tDCO/16, where tDCO is the period
of the data clock.
tS = 1.41 ns − ((tDCO/16) × DSCPHZ)
tH = 0.24 ns + ((tDCO/16) × DSCPHZ)
DCO
INPUT
DATA
DSC
tS
tH
tS
tH
tS
tH
tS
tH
SINGLE DATA RATE (SDR)
DCO
INPUT
DATA
DSC
DOUBLE DATA RATE (DDR)
Figure 102. LVDS Input Timing, SDR vs. DDR
In some interface modes, the delay from the rising edge of
DCO to the rising edge of FS needs to be known. This delay
is summarized over temperature in Table 71.
DCO
FS
DSC
tD
Figure 103. LVDS DCO to FS Delay
Table 71. Timing Delay Between LVDS DCO and FS
Temperature
tD, MAX DCO to FS (ns)
tD, MIN DCO to FS (ns)
−40°C
0.37
0.21
+25°C
0.35
0.16
+85°C
0.32
0.12
−40°C to +85°C
0.37
0.12
Parity
The AD9789 supports parity checking on the input data bus.
There are three parity checking modes: even parity, odd parity,
and IQ parity. In IQ parity mode, a value of 0 is always expected
on the I channel and a value of 1 is always expected on the Q
channel. Note that IQ parity mode is generally useful only when
the LVDS interface is used. These modes are controlled via
Register 0x20[1:0].
Table 72. Parity Mode SPI Settings
Parity Mode
Register 0x20[1:0]
Deactivates Parity Checking
00
IQ Parity
01
Even Parity
10
Odd Parity
11
If parity checking is used, each data-word that is transferred
into the AD9789 should have a parity bit accompanying it,
regardless of FS. In other words, parity must be valid for every
DCO edge. The parity bits are located at Pin L4 and Pin M4.
When operating the interface in CMOS mode, the input parity
bits are referred to as P1 and P0, respectively. When operating
the interface in LVDS mode, the input parity bits are referred
to as PARP and PARN, respectively.
Recall that the LVDS interface can be single data rate (SDR) or
double data rate (DDR), depending on the bus width configu-
ration. The interface is DDR only when the bus width is equal
to 32 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com