Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3G5A2-RPT01-PE Datasheet(PDF) 65 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-PE
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-PE Datasheet(HTML) 65 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-PE Datasheet HTML 61Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 62Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 63Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 64Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 65Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 66Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 67Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 68Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 69Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 182 page
background image
!
52
Caution
Abide by the following precautions when wiring the Power Supply Units. Failure
to abide by these precautions my cause faulty operation or damage to the Unit.
• Be sure that no wire clippings or other foreign materials enter the Units when
wiring.
• Provide circuit breakers and other protective devices to protect the system
again external short circuits.
• Check and recheck all wiring before supplying power to the system.
• After wiring the terminals check the terminal block to be sure it is firmly locked
in place.
Power Requirements
A CV-series PC consumes up to 200 VA per Rack. Power consumption varies
with the system configuration (refer to
3-4-6 Current Consumption). When pow-
er is applied, a surge current five times the steady-state current will flow to the
PC.
DC Power Supply Units: CV500-PS211
Screw (3.5 mm head with
self-raising pressure plate)
Power Line
Use AWG 14
twisted-pair cable
(cross-sectional area: 2
mm2 min.)
Do not reverse polar-
ity.
DC power source
Supply 24 VDC
Keep voltage fluctuations
within the specified range
(refer to
Appendix B Specifi
-
cations)
Breaker
+
Power Requirements
A CV-series PC can consume up to 100 W of power per Rack. Power consump-
tion varies depending on the system configuration (refer to
3-4-6 Current Con
-
sumption). When power is applied, a surge current several times the
steady-state current will flow to the PC.
Internal Fuse
Do not turn on power to the DV Power Supply Unit while the 5-V output terminals
are closed. If power is supplied when the 5-V output terminals are closed, the
internal fuse may blow.
Power Supply Units
Section 3-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com