Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6470PDTR Datasheet(PDF) 53 Page - STMicroelectronics

Part # L6470PDTR
Description  dSPIN fully integrated microstepping motor driver with motion engine and SPI
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6470PDTR Datasheet(HTML) 53 Page - STMicroelectronics

Back Button L6470PDTR Datasheet HTML 49Page - STMicroelectronics L6470PDTR Datasheet HTML 50Page - STMicroelectronics L6470PDTR Datasheet HTML 51Page - STMicroelectronics L6470PDTR Datasheet HTML 52Page - STMicroelectronics L6470PDTR Datasheet HTML 53Page - STMicroelectronics L6470PDTR Datasheet HTML 54Page - STMicroelectronics L6470PDTR Datasheet HTML 55Page - STMicroelectronics L6470PDTR Datasheet HTML 56Page - STMicroelectronics L6470PDTR Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 70 page
background image
L6470
Programming manual
Doc ID16737 Rev 5
53/70
011
4.9
5.9
6.8
7.8
9.8
11.7
13.7
15.6
100
3.9
4.7
5.5
6.3
7.8
9.4
10.9
12.5
101
3.3
3.9
4.6
5.2
6.5
7.8
9.1
10.4
110
2.83.3
3.94.5
5.6
6.7
7.88.9
Table 32.
Available PWM frequencies [kHz]: 24-MHz oscillator frequency
F_PWM_DEC
F_PWM_INT
000
001
010
011
100
101
110
111
000
29.3
35.2
41.0
46.9
58.6
70.3
82.0
93.8
001
14.6
17.6
20.5
23.4
29.3
35.2
41.0
46.9
010
9.8
11.7
13.7
15.6
19.5
23.4
27.3
31.3
011
7.3
8.8
10.3
11.7
14.6
17.6
20.5
23.4
100
5.9
7.0
8.2
9.4
11.7
14.1
16.4
18.8
101
4.9
5.9
6.8
7.8
9.8
11.7
13.7
15.6
110
4.2
5.0
5.9
6.7
8.4
10.0
11.7
13.4
Table 33.
Available PWM frequencies [kHz]: 32-MHz oscillator frequency
F_PWM_DEC
F_PWM_
INT
000
001
010
011
100
101
110
111
000
39.1
46.9
54.7
62.5
78.1
93.8
109.4
125.0
001
19.5
23.4
27.3
31.3
39.1
46.9
54.7
62.5
010
13.0
15.6
18.2
20.8
26.0
31.3
36.5
41.7
011
9.8
11.7
13.7
15.6
19.5
23.4
27.3
31.3
100
7.8
9.4
10.9
12.5
15.6
18.8
21.9
25.0
101
6.5
7.8
9.1
10.4
13.0
15.6
18.2
20.8
110
5.6
6.7
7.8
8.9
11.2
13.4
15.6
17.9
Table 31.
Available PWM frequencies [kHz]: 16-MHz oscillator frequency
F_PWM_DEC
F_PWM_INT
000
001
010
011
100
101
110
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com