Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6470PDTR Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6470PDTR
Description  dSPIN fully integrated microstepping motor driver with motion engine and SPI
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6470PDTR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6470PDTR Datasheet HTML 11Page - STMicroelectronics L6470PDTR Datasheet HTML 12Page - STMicroelectronics L6470PDTR Datasheet HTML 13Page - STMicroelectronics L6470PDTR Datasheet HTML 14Page - STMicroelectronics L6470PDTR Datasheet HTML 15Page - STMicroelectronics L6470PDTR Datasheet HTML 16Page - STMicroelectronics L6470PDTR Datasheet HTML 17Page - STMicroelectronics L6470PDTR Datasheet HTML 18Page - STMicroelectronics L6470PDTR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 70 page
background image
L6470
Electrical characteristics
Doc ID16737 Rev 5
15/70
tcpwu
Charge pump power-on and wake-up time
Power bridges disabled,
Cp = 10 nF, Cboot = 220 nF
650
μs
Internal voltage regulator
VREG
Voltage regulator output voltage
2.9
3
3.2
V
IREG
Voltage regulator output current
40
mA
VREG, drop
Voltage regulator output voltage drop
IREG = 40 mA
50
mV
IREG,STBY
Voltage regulator standby output current
10
mA
Integrated analog-to-digital converter
NADC
Analog-to-digital converter resolution
5
bit
VADC,ref
Analog-to-digital converter reference voltage
VRE
G
V
fS
Analog-to-digital converter sampling
frequency
fPWM
kHz
1.
Accuracy depends on oscillator frequency accuracy.
2.
Tested at 25 °C in a restricted range and guaranteed by characterization.
3.
Rise and fall time depends on motor supply voltage value. Refer to SRout values in order to evaluate the actual rise and fall
time.
4.
Not valid for STBY/RST pin which has internal pull-down resistor.
5.
Not valid for SW and CS pins which have internal pull-up resistors.
6.
FLAG, BUSY and SYNC open drain outputs included.
7.
See Figure 18 – SPI timings diagram for details.
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min. Typ.
Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com