Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6470PDTR Datasheet(PDF) 65 Page - STMicroelectronics

Part # L6470PDTR
Description  dSPIN fully integrated microstepping motor driver with motion engine and SPI
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6470PDTR Datasheet(HTML) 65 Page - STMicroelectronics

Back Button L6470PDTR Datasheet HTML 61Page - STMicroelectronics L6470PDTR Datasheet HTML 62Page - STMicroelectronics L6470PDTR Datasheet HTML 63Page - STMicroelectronics L6470PDTR Datasheet HTML 64Page - STMicroelectronics L6470PDTR Datasheet HTML 65Page - STMicroelectronics L6470PDTR Datasheet HTML 66Page - STMicroelectronics L6470PDTR Datasheet HTML 67Page - STMicroelectronics L6470PDTR Datasheet HTML 68Page - STMicroelectronics L6470PDTR Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 70 page
background image
L6470
Package mechanical data
Doc ID16737 Rev 5
65/70
10
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 57.
HTSSOP28 mechanical data
Dim.
mm
Min.
Typ.
Max.
A
1.2
A1
0.15
A2
0.8
1.0
1.05
b
0.19
0.3
c
0.09
0.2
D (1)
1.
Dimension “D” does not include mold flash, protrusions or gate burrs. Mold flash, protrusions or gate burrs
must not exceed 0.15 mm per side.
9.6
9.7
9.8
D1
5.5
E
6.2
6.4
6.6
E1 (2)
2.
Dimension “E1” does not include interlead flash or protrusions. Interlead flash or protrusions must not
exceed 0.25 mm per side.
4.3
4.4
4.5
E2
2.8
e0.65
L
0.45
0.6
0.75
L1
1.0
K0°
8°
aaa
0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com