Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6470PDTR Datasheet(PDF) 67 Page - STMicroelectronics

Part # L6470PDTR
Description  dSPIN fully integrated microstepping motor driver with motion engine and SPI
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6470PDTR Datasheet(HTML) 67 Page - STMicroelectronics

Back Button L6470PDTR Datasheet HTML 62Page - STMicroelectronics L6470PDTR Datasheet HTML 63Page - STMicroelectronics L6470PDTR Datasheet HTML 64Page - STMicroelectronics L6470PDTR Datasheet HTML 65Page - STMicroelectronics L6470PDTR Datasheet HTML 66Page - STMicroelectronics L6470PDTR Datasheet HTML 67Page - STMicroelectronics L6470PDTR Datasheet HTML 68Page - STMicroelectronics L6470PDTR Datasheet HTML 69Page - STMicroelectronics L6470PDTR Datasheet HTML 70Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 67 / 70 page
background image
L6470
Package mechanical data
Doc ID16737 Rev 5
67/70
Table 58.
POWERSO36 mechanical data
Dim.
mm
Min.
Typ.
Max.
A
3.60
a1
0.10
0.30
a2
3.30
a3
0
0.10
b
0.22
0.38
c
0.23
0.32
D(1)
15.80
16.00
D1
9.40
9.80
E
13.90
14.50
E1(1)
10.90
11.10
E2
2.90
E3
5.8
6.2
e
0.65
e3
11.05
G
0
0.10
H
15.50
15.90
h
1.10
L
0.80
1.10
N
10°
S
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com