Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6470PDTR Datasheet(PDF) 47 Page - STMicroelectronics

Part # L6470PDTR
Description  dSPIN fully integrated microstepping motor driver with motion engine and SPI
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6470PDTR Datasheet(HTML) 47 Page - STMicroelectronics

Back Button L6470PDTR Datasheet HTML 43Page - STMicroelectronics L6470PDTR Datasheet HTML 44Page - STMicroelectronics L6470PDTR Datasheet HTML 45Page - STMicroelectronics L6470PDTR Datasheet HTML 46Page - STMicroelectronics L6470PDTR Datasheet HTML 47Page - STMicroelectronics L6470PDTR Datasheet HTML 48Page - STMicroelectronics L6470PDTR Datasheet HTML 49Page - STMicroelectronics L6470PDTR Datasheet HTML 50Page - STMicroelectronics L6470PDTR Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 70 page
background image
L6470
Programming manual
Doc ID16737 Rev 5
47/70
9.1.19
STEP_MODE
The STEP_MODE register has the following structure:
The STEP_SEL parameter selects one of eight possible stepping modes:
Every time the step mode is changed, the electrical position (i.e. the point of microstepping
sinewave that is generated) is reset to the first microstep.
Warning:
Every time STEP_SEL is changed, the value in the ABS_POS
register loses meaning and should be reset.
Any attempt to write the register when the motor is running causes the command to be
ignored and the NOTPERF_CMD flag to rise (see Section 9.1.22).
Table 16.
Stall detection threshold
STALL_th [6..0]
Stall detection threshold
00
00
0
0
0
31.25 mA
0
0
0
0
0
0
1
62.5 mA
……
………
……
…
11
11
1
1
0
3.969 A
11
11
1
1
1
4 A
Table 17.
STEP_MODE register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SYNC_EN
SYNC_SEL
0 (1)
1.
When the register is written, this bit should be set to 0.
STEP_SEL
Table 18.
Step mode selection
STEP_SEL[2..0]
Step mode
00
0
Full-step
00
1
Half-step
0
1
0
1/4 microstep
0
1
1
1/8 microstep
1
0
0
1/16 microstep
1
0
1
1/32 microstep
1
1
0
1/64 microstep
1
1
1
1/128 microstep



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com