Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6470PDTR Datasheet(PDF) 31 Page - STMicroelectronics

Part # L6470PDTR
Description  dSPIN fully integrated microstepping motor driver with motion engine and SPI
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6470PDTR Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L6470PDTR Datasheet HTML 27Page - STMicroelectronics L6470PDTR Datasheet HTML 28Page - STMicroelectronics L6470PDTR Datasheet HTML 29Page - STMicroelectronics L6470PDTR Datasheet HTML 30Page - STMicroelectronics L6470PDTR Datasheet HTML 31Page - STMicroelectronics L6470PDTR Datasheet HTML 32Page - STMicroelectronics L6470PDTR Datasheet HTML 33Page - STMicroelectronics L6470PDTR Datasheet HTML 34Page - STMicroelectronics L6470PDTR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 70 page
background image
L6470
Functional description
Doc ID16737 Rev 5
31/70
6.14
Programmable DMOS slew rate, deadtime and blanking time
Using the POW_SR parameter in the CONFIG register, it is possible to set the commutation
speed of the power bridges output (see Table 26, Section 9.1.21).
6.15
Integrated analog-to-digital converter
The L6470 integrates an NADC bit ramp-compare analog-to-digital converter with a
reference voltage equal to VREG. The analog-to-digital converter input is available through
the ADCIN pin and the conversion result is available in the ADC_OUT register (see
Section 9.1.16).
Sampling frequency is equal to the programmed PWM frequency.
The ADC_OUT value can be used for motor supply voltage compensation or can be at the
user’s disposal.
6.16
Internal voltage regulator
The L6470 integrates a voltage regulator which generates a 3 V voltage starting from the
motor power supply (VSA and VSB). In order to make the voltage regulator stable, at least
22 µF should be connected between the VREG pin and ground (suggested value is 47 µF).
The internal voltage regulator can be used to supply the VDD pin in order to make the
device digital output range 3.3 V compatible (Figure 14). A digital output range, 5 V
compatible, may be obtained connecting the VDD pin to an external 5 V voltage source. In
both cases, a 10 µF capacitance should be connected to the VDD pin in order to obtain a
correct operation.
The internal voltage regulator is able to supply a current up to IREG,MAX, internal logic
consumption included (Ilogic). When the device is in Standby mode, the maximum current
that can be supplied is IREG, STBY, internal consumption included (Ilogic, STBY).
If an external 3.3 V regulated voltage is available, it can be applied to the VREG pin in order
to supply all the internal logic and to avoid power dissipation of the internal 3 V voltage
regulator (Figure 14). The external voltage regulator should never sink current from the
VREG pin.
Figure 13.
External switch connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com