Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S003F3P6C Datasheet(PDF) 57 Page - STMicroelectronics

Part # STM8S003F3P6C
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3P6C Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STM8S003F3P6C Datasheet HTML 53Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 54Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 55Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 56Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 57Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 58Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 59Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 60Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 100 page
background image
(3) Measured from interrupt event to interrupt vector fetch.
(4) Configured by the REGAH bit in the CLK_ICKR register.
(5) Configured by the AHALT bit in the FLASH_CR1 register.
(6) Plus 1 LSI clock depending on synchronization.
Total current consumption and timing in forced reset state
9.3.2.6
Table 29: Total current consumption and timing in forced reset state
Unit
Max
(1)
Typ
Conditions
Parameter
Symbol
μA
400
VDD = 5 V
Supply current in reset
state
(2)
IDD(R)
300
VDD = 3.3 V
μs
150
Reset pin release to
vector fetch
tRESETBL
(1) Data guaranteed by design, not tested in production.
(2) Characterized with all I/Os tied to V
SS.
Current consumption of on-chip peripherals
9.3.2.7
Subject to general operating conditions for VDD and TA.
HSI internal RC/fCPU = fMASTER = 16 MHz, VDD = 5 V
Table 30: Peripheral current consumption
Unit
Typ.
Parameter
Symbol
μA
210
TIM1 supply current
(1)
IDD(TIM1)
130
TIM2 supply current
(1)
IDD(TIM2)
50
TIM4 timer supply current
(1)
IDD(TIM4)
120
UART1 supply current
(2)
IDD(UART1)
45
SPI supply current
(2)
IDD(SPI)
65
I
2C supply current(2)
IDD(I2C)
1000
ADC1 supply current when converting
(3)
IDD(ADC1)
57/100
DocID018576 Rev 3
Electrical characteristics
STM8S003K3 STM8S003F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com