Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S003F3P6C Datasheet(PDF) 47 Page - STMicroelectronics

Part # STM8S003F3P6C
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3P6C Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STM8S003F3P6C Datasheet HTML 43Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 44Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 45Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 46Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 47Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 48Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 49Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 50Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 100 page
background image
Figure 8: Pin input voltage
STM8 pin
VIN
Absolute maximum ratings
9.2
Stresses above those listed as ‘absolute maximum ratings’ may cause permanent damage
to the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
Table 15: Voltage characteristics
Unit
Max
Min
Ratings
Symbol
V
6.5
-0.3
Supply voltage
(1)
VDDx - VSS
6.5
VSS - 0.3
Input voltage on true open drain pins
(2)
VIN
VDD + 0.3
VSS - 0.3
Input voltage on any other pin
(2)
mV
50
Variations between different power pins
|VDDx - VDD|
50
Variations between all the different ground
pins
|VSSx - VSS|
See "Absolute
maximum ratings
(electrical sensitivity)"
Electrostatic discharge voltage
VESD
(1) All power (V
DD) and ground (VSS) pins must always be connected to the external power supply
(2) I
INJ(PIN) must never be exceeded. This is implicitly insured if VIN maximum is respected. If VIN maximum
cannot be respected, the injection current must be limited externally to the IINJ(PIN) value. A positive
injection is induced by VIN>VDD while a negative injection is induced by VIN<VSS. For true open-drain
pads, there is no positive injection current, and the corresponding VIN maximum must always be respected
Table 16: Current characteristics
Unit
Max
(1)
Ratings
Symbol
mA
100
Total current into VDD power lines (source)
(2)
IVDD
47/100
DocID018576 Rev 3
Electrical characteristics
STM8S003K3 STM8S003F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com