Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S003F3P6C Datasheet(PDF) 30 Page - STMicroelectronics

Part # STM8S003F3P6C
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3P6C Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STM8S003F3P6C Datasheet HTML 26Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 27Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 28Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 29Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 30Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 31Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 32Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 33Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 100 page
background image
Reset
status
Register name
Register label
Block
Address
0x00
SPI interrupt control register
SPI_ICR
0x00 5202
0x02
SPI status register
SPI_SR
0x00 5203
0x00
SPI data register
SPI_DR
0x00 5204
0x07
SPI CRC polynomial register
SPI_CRCPR
0x00 5205
0xFF
SPI Rx CRC register
SPI_RXCRCR
0x00 5206
0xFF
SPI Tx CRC register
SPI_TXCRCR
0x00 5207
Reserved area (8 bytes)
0x00 5208 to
0x00 520F
0x00
I
2C control register 1
I2C_CR1
I
2C
0x00 5210
0x00
I
2C control register 2
I2C_CR2
0x00 5211
0x00
I
2C frequency register
I2C_FREQR
0x00 5212
0x00
I
2C Own address register low
I2C_OARL
0x00 5213
0x00
I
2C Own address register high
I2C_OARH
0x00 5214
Reserved
0x00 5215
0x00
I
2C data register
I2C_DR
0x00 5216
0x00
I
2C status register 1
I2C_SR1
0x00 5217
0x00
I
2C status register 2
I2C_SR2
0x00 5218
0x0X
I
2C status register 3
I2C_SR3
0x00 5219
0x00
I
2C interrupt control register
I2C_ITR
0x00 521A
0x00
I
2C Clock control register low
I2C_CCRL
0x00 521B
DocID018576 Rev 3
30/100
STM8S003K3 STM8S003F3
Memory and register map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com