Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S003F3P6C Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM8S003F3P6C
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3P6C Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM8S003F3P6C Datasheet HTML 15Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 16Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 17Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 18Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 19Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 20Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 21Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 22Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 100 page
background image
1. (HS) high sink capability.
2. (T) True open drain (P-buffer and protection diode to VDD not implemented).
3. [ ] alternate function remapping option (if the same alternate function is shown twice, it
indicates an exclusive choice not a duplication of the function).
Table 5: LQFP32 pin description
Alternate
function
after remap
[option bit]
Default
alternate
function
Main
function
(after reset)
Output
Input
Type
Pin
name
Pin
no.
PP
OD
Speed
High
sink
(1)
Ext.
interrupt
wpu
floating
Reset
X
I/O
NRST
1
Resonator/
crystal in
Port A1
X
X
O1
X
X
X
I/O
PA1/ OSCI
(2)
2
Resonator/
crystal out
Port A2
X
X
O1
X
X
X
I/O
PA2/ OSCOUT
3
Digital ground
S
VSS
4
1.8 V regulator capacitor
S
VCAP
5
Digital power supply
S
VDD
6
SPI master/
slave select
[AFR1]
Timer 2
channel 3
Port A3
X
X
O3
HS
X
X
X
I/O
PA3/
TIM2_CH3
[SPI_NSS]
7
Port F4
X
X
O1
X
X
I/O
PF4
8
Port B7
X
X
O1
X
X
X
I/O
PB7
9
Port B6
X
X
O1
X
X
X
I/O
PB6
10
I
2
C data
Port B5
T
(3)
O1
X
X
I/O
PB5/ I
2
C_SDA
11
I
2
C clock
Port B4
T
(3)
O1
X
X
I/O
PB4/ I
2
C_SCL
12
Analog input 3/
Timer 1
external trigger
Port B3
X
X
O3
HS
X
X
X
I/O
PB3/AIN3/
TIM1_ETR
13
Analog input 2/
Timer 1 -
Port B2
X
X
O3
HS
X
X
X
I/O
PB2/AIN2/
TIM1_CH3N
14
inverted
channel 3
19/100
DocID018576 Rev 3
Pinout and pin description
STM8S003K3 STM8S003F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com