Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S003F3P6C Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM8S003F3P6C
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3P6C Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM8S003F3P6C Datasheet HTML 12Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 13Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 14Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 15Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 16Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 17Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 18Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 19Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 100 page
background image
• External trigger input
• Trigger from TIM1 TRGO
• End of conversion (EOC) interrupt
Communication interfaces
4.14
The following communication interfaces are implemented:
• UART1: Full feature UART, synchronous mode, SPI master mode, Smartcard mode, IrDA
mode, single wire mode, LIN2.1 master capability
• SPI : Full and half-duplex, 8 Mbit/s
• I²C: Up to 400 Kbit/s
UART1
4.14.1
Main features
• One Mbit/s full duplex SCI
• SPI emulation
• High precision baud rate generator
• Smartcard emulation
• IrDA SIR encoder decoder
• LIN master mode
• Single wire half duplex mode
Asynchronous communication (UART mode)
• Full duplex communication - NRZ standard format (mark/space)
• Programmable transmit and receive baud rates up to 1 Mbit/s (fCPU/16) and capable of
following any standard baud rate regardless of the input frequency
• Separate enable bits for transmitter and receiver
• Two receiver wakeup modes:
- Address bit (MSB)
- Idle line (interrupt)
• Transmission error detection with interrupt generation
• Parity control
Synchronous communication
• Full duplex synchronous transfers
• SPI master operation
• 8-bit data communication
• Maximum speed: 1 Mbit/s at 16 MHz (fCPU/16)
LIN master mode
• Emission: Generates 13-bit synch break frame
• Reception: Detects 11-bit break frame
DocID018576 Rev 3
16/100
STM8S003K3 STM8S003F3
Product overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com