Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S003F3P6C Datasheet(PDF) 46 Page - STMicroelectronics

Part # STM8S003F3P6C
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3P6C Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STM8S003F3P6C Datasheet HTML 42Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 43Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 44Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 45Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 46Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 47Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 48Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 49Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 100 page
background image
Electrical characteristics
9
Parameter conditions
9.1
Unless otherwise specified, all voltages are referred to VSS.
Minimum and maximum values
9.1.1
Unless otherwise specified the minimum and maximum values are guaranteed in the worst
conditions of ambient temperature, supply voltage and frequencies by tests in production on
100 % of the devices with an ambient temperature at TA = 25 °C and TA = TAmax (given by
the selected temperature range).
Data based on characterization results, design simulation and/or technology characteristics
are indicated in the table footnotes and are not tested in production. Based on characterization,
the minimum and maximum values refer to sample tests and represent the mean value plus
or minus three times the standard deviation (mean ± 3 Σ).
Typical values
9.1.2
Unless otherwise specified, typical data are based on TA = 25 °C, VDD = 5 V. They are given
only as design guidelines and are not tested.
Typical ADC accuracy values are determined by characterization of a batch of samples from
a standard diffusion lot over the full temperature range, where 95% of the devices have an
error less than or equal to the value indicated (mean ± 2 Σ).
Typical curves
9.1.3
Unless otherwise specified, all typical curves are given only as design guidelines and are not
tested.
Loading capacitor
9.1.4
The loading conditions used for pin parameter measurement are shown in the following figure.
Figure 7: Pin loading conditions
50 pF
STM8 pin
Pin input voltage
9.1.5
The input voltage measurement on a pin of the device is described in the following figure.
DocID018576 Rev 3
46/100
STM8S003K3 STM8S003F3
Electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com