Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S003K3T6 Datasheet(PDF) 53 Page - STMicroelectronics

Part # STM8S003K3T6
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003K3T6 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STM8S003K3T6 Datasheet HTML 49Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 50Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 51Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 52Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 53Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 54Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 55Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 56Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 100 page
background image
Total current consumption in wait mode
9.3.2.2
Table 22: Total current consumption in wait mode at VDD = 5 V
Unit
Max
(1)
Typ
Conditions
Parameter
Symbol
mA
1.6
HSE crystal osc. (16 MHz)
fCPU = fMASTER =
16 MHz
Supply
current in
wait mode
IDD(WFI)
1.3
1.1
HSE user ext. clock (16 MHz)
1.1
0.89
HSI RC osc. (16 MHz)
0.88
0.7
HSI RC osc. (16 MHz)
fCPU = fMASTER/128 =
125 kHz
0.57
0.45
HSI RC osc. (16 MHz/8)
(2)
fCPU = fMASTER/128 =
15.625 kHz
0.54
0.4
LSI RC osc. (128 kHz)
fCPU = fMASTER =
128 kHz
(1) Data based on characterization results, not tested in production.
(2) Default clock configuration measured with all peripherals off.
Table 23: Total current consumption in wait mode at VDD = 3.3 V
Unit
Max
(1)
Typ
Conditions
Parameter
Symbol
mA
1.1
HSE crystal osc.
(16 MHz)
fCPU = fMASTER =
16 MHz
Supply current
in wait mode
IDD(WFI)
1.3
1.1
HSE user ext. clock
(16 MHz)
1.1
0.89
HSI RC osc.
(16 MHz)
0.88
0.7
HSI RC osc.
(16 MHz)
fCPU = fMASTER/ 128 =
125 kHz
0.57
0.45
HSI RC osc.
(16 MHz/8)
(2)
fCPU = fMASTER/ 128 =
15.625 kHz
0.54
0.4
LSI RC osc.
(128 kHz)
fCPU = fMASTER=
128 kHz
53/100
DocID018576 Rev 3
Electrical characteristics
STM8S003K3 STM8S003F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com