Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S003K3T6 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM8S003K3T6
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003K3T6 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM8S003K3T6 Datasheet HTML 11Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 12Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 13Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 14Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 15Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 16Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 17Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 18Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 100 page
background image
• Encoder mode
• Interrupt sources: 3 x input capture/output compare, 1 x overflow/update, 1 x break
TIM2 - 16-bit general purpose timer
4.11
• 16-bit autoreload (AR) up-counter
• 15-bit prescaler adjustable to fixed power of 2 ratios 1…32768
• 3 individually configurable capture/compare channels
• PWM mode
• Interrupt sources: 3 x input capture/output compare, 1 x overflow/update
TIM4 - 8-bit basic timer
4.12
• 8-bit autoreload, adjustable prescaler ratio to any power of 2 from 1 to 128
• Clock source: CPU clock
• Interrupt source: 1 x overflow/update
Table 3: TIM timer features
Timer
synchronization/
chaining
Ext.
trigger
Complem.
outputs
CAPCOM
channels
Counting
mode
Prescaler
Counter
size (bits)
Timer
No
Yes
3
4
Up/down
Any integer
from 1 to
65536
16
TIM1
No
0
3
Up
Any power of
2 from 1 to
32768
16
TIM2
No
0
0
Up
Any power of
2 from 1 to
128
8
TIM4
Analog-to-digital converter (ADC1)
4.13
The STM8S003xx products contain a 10-bit successive approximation A/D converter (ADC1)
with up to 5 external multiplexed inputs channels and the following features:
• Input voltage range: 0 to VDD
• Conversion time: 14 clock cycles
• Single and continuous and buffered continuous conversion modes
• Buffer size (n x 10 bits) where n = number of input channels
• Scan mode for single and continuous conversion of a sequence of channels
• Analog watchdog capability with programmable upper and lower thresholds
• Analog watchdog interrupt
15/100
DocID018576 Rev 3
Product overview
STM8S003K3 STM8S003F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com