| Electronic Components Datasheet Search |
|
STM8S003K3T6 Datasheet(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S003K3T6 Datasheet(HTML) 9 Page - STMicroelectronics |
|
9 / 100 page ![]() Block diagram 3 Figure 1: Block diagram XTAL 1-16 MHz RC int. 16 MHz RC int. 128 kHz STM8 core Debug/SWIM SPI UART1 16-bit general purpose AWU timer Reset block Reset POR BOR Clock controller Detector Clock to peripherals and core 8 Mbit/s LIN master Window WDG 8-Kbyte 1-Kbyte ADC1 4 CAPCOM Reset 400 Kbit/s Single wire debug interf. SPI emul. channels +3 program Flash 16-bit advanced control timer (TIM1) 8-bit basic timer RAM Up to Beeper 1/2/4 kHz beep Independent WDG (TIM4) 3 CAPCOM channels Up to complementary outputs timer (TIM2) Up to 5 channels I2C 128-byte data EEPROM 9/100 DocID018576 Rev 3 Block diagram STM8S003K3 STM8S003F3 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |