Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S003K3T6 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STM8S003K3T6
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003K3T6 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STM8S003K3T6 Datasheet HTML 24Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 25Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 26Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 27Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 28Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 29Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 30Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 31Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 100 page
background image
Reset
status
Register name
Register label
Block
Address
Reserved area (1 byte)
0x00 5063
0x00
Data EEPROM unprotection register
FLASH_DUKR
Flash
0x00 5064
Reserved area (59 bytes)
0x00 5065 to
0x00 509F
0x00
External interrupt control register 1
EXTI_CR1
ITC
0x00 50A0
0x00
External interrupt control register 2
EXTI_CR2
0x00 50A1
Reserved area (17 bytes)
0x00 50A2 to
0x00 50B2
0xXX
(1)
Reset status register
RST_SR
RST
0x00 50B3
Reserved area (12 bytes)
0x00 50B4 to
0x00 50BF
0x01
Internal clock control register
CLK_ICKR
CLK
0x00 50C0
0x00
External clock control register
CLK_ECKR
0x00 50C1
Reserved area (1 byte)
0x00 50C2
0xE1
Clock master status register
CLK_CMSR
CLK
0x00 50C3
0xE1
Clock master switch register
CLK_SWR
0x00 50C4
0xXX
Clock switch control register
CLK_SWCR
0x00 50C5
0x18
Clock divider register
CLK_CKDIVR
0x00 50C6
0xFF
Peripheral clock gating register 1
CLK_PCKENR1
0x00 50C7
0x00
Clock security system register
CLK_CSSR
0x00 50C8
0x00
Configurable clock control register
CLK_CCOR
0x00 50C9
0xFF
Peripheral clock gating register 2
CLK_PCKENR2
0x00 50CA
DocID018576 Rev 3
28/100
STM8S003K3 STM8S003F3
Memory and register map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com