Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S003K3T6 Datasheet(PDF) 99 Page - STMicroelectronics

Part # STM8S003K3T6
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003K3T6 Datasheet(HTML) 99 Page - STMicroelectronics

Back Button STM8S003K3T6 Datasheet HTML 92Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 93Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 94Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 95Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 96Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 97Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 98Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 99Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 100Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 99 / 100 page
background image
Revision history
14
Table 55: Document revision history
Changes
Revision
Date
Initial revision.
1
12-Jul-2011
Added NRW and tRET for data EEPROM in Table 36:
Flash program memory and data EEPROM.
2
09-Jan-2012
Updated RPU in Table 41: NRST pin characteristics and
Table 37: I/O static characteristics.
Updated notes related to VCAP in Table 18: General
operating conditions.
Updated temperature condition for factory calibrated
ACCHSI in Table 33: HSI oscillator characteristics.
Changed SCK input to SCK output in Figure 40: SPI
timing diagram - master mode(1)
3
12-Jun-2012
Modified Figure 46: 20-lead ultra thin fine pitch quad flat
no-lead package outline (3x3) to add package top view.
99/100
DocID018576 Rev 3
Revision history
STM8S003K3 STM8S003F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com