Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S003K3T6 Datasheet(PDF) 91 Page - STMicroelectronics

Part # STM8S003K3T6
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003K3T6 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button STM8S003K3T6 Datasheet HTML 87Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 88Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 89Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 90Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 91Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 92Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 93Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 94Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 100 page
background image
Table 52: 20-pin, 4.40 mm body, 0.65 mm pitch mechanical data
inches
(1)
mm
Dim.
Max
Typ
Min
Max
Typ
Min
0.0472
1.200
A
0.0059
0.0020
0.150
0.050
A1
0.0413
0.0394
0.0315
1.050
1.000
0.800
A2
0.0118
0.0075
0.300
0.190
b
0.0079
0.0035
0.200
0.090
c
0.2598
0.2559
0.2520
6.600
6.500
6.400
D
0.2598
0.2520
0.2441
6.600
6.400
6.200
E
0.1772
0.1732
0.1693
4.500
4.400
4.300
E1
0.0256
0.650
e
0.0295
0.0236
0.0177
0.750
0.600
0.450
L
0.0394
1.000
L1
8.0°
0.0°
8.0°
0.0°
k
0.0039
0.100
aaa
(1) Values in inches are converted from mm and rounded to 4 decimal digits
91/100
DocID018576 Rev 3
Package information
STM8S003K3 STM8S003F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com