Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1459-ESSQTP Datasheet(PDF) 317 Page - Microchip Technology

Part # PIC16F1459-ESSQTP
Description  14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1459-ESSQTP Datasheet(HTML) 317 Page - Microchip Technology

Back Button PIC16F1459-ESSQTP Datasheet HTML 313Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 314Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 315Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 316Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 317Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 318Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 319Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 320Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 321Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 418 page
background image
 2012 Microchip Technology Inc.
Preliminary
DS41639A-page 317
PIC16(L)F1454/5/9
TABLE 26-3:
SUMMARY OF USB BUFFER DESCRIPTOR TABLE REGISTERS
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
BDnSTAT(1)
UOWN
DTS(4)
PID3(2)
PID2(2)
PID1(2)
DTSEN(3)
PID0(2)
BSTALL(3)
BC9
BC8
BDnCNT(1)
Byte Count
BDnADRL(1)
Buffer Address Low
BDnADRH(1)
Buffer Address High
Note 1:
For buffer descriptor registers, n may have a value of 0 to 31. For the sake of brevity, all 32 registers are
shown as one generic prototype. All registers have indeterminate Reset values (xxxx xxxx).
2:
Bits <5:2> of the BDnSTAT register are used by the SIE to return PID<3:0> values once the register is
turned over to the SIE (UOWN bit is set). Once the registers have been under SIE control, the values
written for DTSEN and BSTALL are no longer valid.
3:
Prior to turning the buffer descriptor over to the SIE (UOWN bit is cleared), bits 5 through 2 of the
BDnSTAT register are used to configure the DTSEN and BSTALL settings.
4:
This bit is ignored unless DTSEN = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com