Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1459-ESSQTP Datasheet(PDF) 321 Page - Microchip Technology

Part # PIC16F1459-ESSQTP
Description  14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1459-ESSQTP Datasheet(HTML) 321 Page - Microchip Technology

Back Button PIC16F1459-ESSQTP Datasheet HTML 317Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 318Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 319Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 320Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 321Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 322Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 323Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 324Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 325Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 418 page
background image
 2012 Microchip Technology Inc.
Preliminary
DS41639A-page 321
PIC16(L)F1454/5/9
26.6.4
USB TRANSCEIVER CURRENT
CONSUMPTION
The USB transceiver consumes a variable amount of
current, depending on following factors:
• Impedance of USB cable
• Length of cable
•VUSB3V3 supply voltage
• Data patterns across cable
Data patterns consist of “IN” and “OUT” traffic. “IN”
traffic consumes more current and requires the
microcontroller to drive the USB cable, while “OUT”
traffic requires the host to drive the USB cable.
The data sent across the USB cable is NRZI encoded.
A ‘0’ in the NRZI encoding scheme toggles the output
state of the transceiver (from “J” state to a “K” state, or
vice versa). A ‘1’ in the NRZI does not change the
output state of the transceiver, with the exception of the
effects of bit-stuffing. Because “IN” traffic consists of
data bits of value ‘0’, the transceiver must charge/
discharge the USB cable to change states resulting in
the most current consumption.
More details about NRZI encoding and bit-stuffing can be
found in the USB 2.0 specification's section 7.1, although
knowledge of such details is not required to make USB
applications using PIC® microcontrollers. Among other
things, the SIE handles bit-stuffing/unstuffing, NRZI
encoding/decoding and CRC generation/checking in
hardware.
The total transceiver current consumption will be
application-specific. However, to help estimate how
much current actually may be required in full-speed
applications, Equation 26-1 can be used.
Example 26-2 shows how this equation can be used for
a theoretical application.
Note:
Longer cables have larger capacitance
and consume more total energy when
switching output states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com