Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1459-ESSQTP Datasheet(PDF) 323 Page - Microchip Technology

Part # PIC16F1459-ESSQTP
Description  14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1459-ESSQTP Datasheet(HTML) 323 Page - Microchip Technology

Back Button PIC16F1459-ESSQTP Datasheet HTML 319Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 320Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 321Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 322Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 323Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 324Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 325Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 326Page - Microchip Technology PIC16F1459-ESSQTP Datasheet HTML 327Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 418 page
background image
 2012 Microchip Technology Inc.
Preliminary
DS41639A-page 323
PIC16(L)F1454/5/9
26.7
Oscillator
The USB module has specific clock requirements. For
full-speed operation, the clock source must be 48 MHz.
Even so, the microcontroller core and other peripherals
are not required to run at that clock speed. Available
clocking options are described in detail in Section 5.4
“USB Operation”
.
26.8
Interrupt-On-Change for D+/D-
Pins
The microcontroller has interrupt-on-change function-
ality on both D+ and D- data pins, which allows the
device to detect voltage level changes when first con-
nected to a USB host/hub. This feature is not available
when the USB module is enabled.
The USB host/hub has 15K pull-down resistors on the
D+ and D- pins. When the microcontroller attaches to
the bus, the D+ and D- pins can detect voltage
changes. External resistors are needed for each pin to
maintain a high state on the pins when the
microcontroller is detached.
The USB module must be disabled (USBEN = 0) for the
interrupt-on-change to function. Enabling the USB
module (USBEN = 1) will automatically disable the
interrupt-on-change for D+ and D- pins. Refer to
Section 13.0 “Interrupt-On-Change”
for more detail.
26.9
USB Firmware and Drivers
Microchip provides a number of application-specific
resources, such as USB firmware and driver support.
Refer to www.microchip.com for the latest firmware and
driver support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com