Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1459-ESOSQTP Datasheet(PDF) 30 Page - Microchip Technology

Part # PIC16F1459-ESOSQTP
Description  14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1459-ESOSQTP Datasheet(HTML) 30 Page - Microchip Technology

Back Button PIC16F1459-ESOSQTP Datasheet HTML 26Page - Microchip Technology PIC16F1459-ESOSQTP Datasheet HTML 27Page - Microchip Technology PIC16F1459-ESOSQTP Datasheet HTML 28Page - Microchip Technology PIC16F1459-ESOSQTP Datasheet HTML 29Page - Microchip Technology PIC16F1459-ESOSQTP Datasheet HTML 30Page - Microchip Technology PIC16F1459-ESOSQTP Datasheet HTML 31Page - Microchip Technology PIC16F1459-ESOSQTP Datasheet HTML 32Page - Microchip Technology PIC16F1459-ESOSQTP Datasheet HTML 33Page - Microchip Technology PIC16F1459-ESOSQTP Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 418 page
background image
TABLE 3-4:
PIC16(L)F1454 MEMORY MAP, BANK 0-7
BANK 0
BANK 1
BANK 2
BANK 3
BANK 4
BANK 5
BANK 6
BANK 7
000h
Core Registers
(Table 3-2)
080h
Core Registers
(Table 3-2)
100h
Core Registers
(Table 3-2)
180h
Core Registers
(Table 3-2)
200h
Core Registers
(Table 3-2)
280h
Core Registers
(Table 3-2)
300h
Core Registers
(Table 3-2)
380h
Core Registers
(Table 3-2)
00Bh
08Bh
10Bh
18Bh
20Bh
28Bh
30Bh
38Bh
00Ch
PORTA
08Ch
TRISA
10Ch
LATA
18Ch
—
20Ch
WPUA
28Ch
—
30Ch
—
38Ch
—
00Dh
—
08Dh
—
10Dh
—
18Dh
—
20Dh
—
28Dh
—
30Dh
—
38Dh
—
00Eh
PORTC
08Eh
TRISC
10Eh
LATC
18Eh
—20Eh
—28Eh
—30Eh
—38Eh
—
00Fh
—08Fh
—10Fh
—18Fh
—20Fh
—28Fh
—30Fh
—38Fh
—
010h
—090h
—110h
—190h
—210h
—290h
—
310h
—
390h
—
011h
PIR1
091h
PIE1
111h
—
191h
PMADRL
211h
SSP1BUF
291h
—
311h
—
391h
IOCAP
012h
PIR2
092h
PIE2
112h
—
192h
PMADRH
212h
SSP1ADD
292h
—
312h
—
392h
IOCAN
013h
—093h
—113h
—
193h
PMDATL
213h
SSP1MSK
293h
—
313h
—
393h
IOCAF
014h
—094h
—114h
—
194h
PMDATH
214h
SSP1STAT
294h
—
314h
—
394h
—
015h
TMR0
095h
OPTION_REG
115h
—
195h
PMCON1
215h
SSP1CON1
295h
—
315h
—
395h
—
016h
TMR1L
096h
PCON
116h
BORCON
196h
PMCON2
216h
SSP1CON2
296h
—
316h
—
396h
—
017h
TMR1H
097h
WDTCON
117h
—
197h
VREGCON
217h
SSP1CON3
297h
—
317h
—
397h
—
018h
T1CON
098h
OSCTUNE
118h
—198h
—218h
—
298h
—
318h
—
398h
—
019h
T1GCON
099h
OSCCON
119h
—199h
RCREG
219h
—299h
—
319h
—
399h
—
01Ah
TMR2
09Ah
OSCSTAT
11Ah
—19Ah
TXREG
21Ah
—29Ah
—31Ah
—39Ah
CLKRCON
01Bh
PR2
09Bh
—11Bh
—19Bh
SPBRG
21Bh
—29Bh
—31Bh
—
39Bh
CRCON
01Ch
T2CON
09Ch
—
11Ch
—
19Ch
SPBRGH
21Ch
—
29Ch
—
31Ch
—
39Ch
—
01Dh
—
09Dh
—
11Dh
APFCON
19Dh
RCSTA
21Dh
—
29Dh
—
31Dh
—
39Dh
—
01Eh
—
09Eh
—
11Eh
—
19Eh
TXSTA
21Eh
—
29Eh
—
31Eh
—
39Eh
—
01Fh
—
09Fh
—
11Fh
—19Fh
BAUDCON
21Fh
—
29Fh
—
31Fh
—
39Fh
—
020h
Dual-Port
General
Purpose
Register
80 Bytes
0A0h
Dual-Port
General
Purpose
Register
80 Bytes
120h
Dual-Port
General
Purpose
Register
80 Bytes
1A0h
Dual-Port
General
Purpose
Register
80 Bytes
220h
Dual-Port
General
Purpose
Register
80 Bytes
2A0h
Dual-Port
General
Purpose
Register
80 Bytes
320h
Dual-Port
General
Purpose
Register
16Bytes
3A0h
General
Purpose
Register
80 Bytes
0EFh
32Fh
330h
General
Purpose
Register
64 Bytes
06Fh
16Fh
1EFh
26Fh
2EFh
36Fh
3EFh
070h
Dual-Port
Common RAM
0F0h
Common RAM
(Accesses
70h – 7Fh)
170h
Common RAM
(Accesses
70h – 7Fh)
1F0h
Common RAM
(Accesses
70h – 7Fh)
270h
Common RAM
(Accesses
70h – 7Fh)
2F0h
Common RAM
(Accesses
70h – 7Fh)
370h
Common RAM
(Accesses
70h – 7Fh)
3F0h
Common RAM
(Accesses
70h – 7Fh)
07Fh
0FFh
17Fh
1FFh
27Fh
2FFh
37Fh
3FFh
Legend:
= Unimplemented data memory locations, read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com