Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1459-ESOSQTP Datasheet(PDF) 40 Page - Microchip Technology

Part # PIC16F1459-ESOSQTP
Description  14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1459-ESOSQTP Datasheet(HTML) 40 Page - Microchip Technology

Back Button PIC16F1459-ESOSQTP Datasheet HTML 36Page - Microchip Technology PIC16F1459-ESOSQTP Datasheet HTML 37Page - Microchip Technology PIC16F1459-ESOSQTP Datasheet HTML 38Page - Microchip Technology PIC16F1459-ESOSQTP Datasheet HTML 39Page - Microchip Technology PIC16F1459-ESOSQTP Datasheet HTML 40Page - Microchip Technology PIC16F1459-ESOSQTP Datasheet HTML 41Page - Microchip Technology PIC16F1459-ESOSQTP Datasheet HTML 42Page - Microchip Technology PIC16F1459-ESOSQTP Datasheet HTML 43Page - Microchip Technology PIC16F1459-ESOSQTP Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 418 page
background image
PIC16(L)F1454/5/9
DS41639A-page 40
Preliminary
 2012 Microchip Technology Inc.
Bank 4
20Ch
WPUA
—
—
WPUA5
WPUA4
WPUA3
—
—
—
--11 1--- --11 1---
20Dh
WPUB(1)
WPUB7
WPUB6
WPUB5
WPUB4
—
—
—
—
1111 ---- 1111 ----
20Eh
to
210h
—
Unimplemented
—
—
211h
SSP1BUF
Synchronous Serial Port Receive Buffer/Transmit Register
xxxx xxxx uuuu uuuu
212h
SSP1ADD
ADD<7:0>
0000 0000 0000 0000
213h
SSP1MSK
MSK<7:0>
1111 1111 1111 1111
214h
SSP1STAT
SMP
CKE
D/A
PS
R/W
UA
BF
0000 0000 0000 0000
215h
SSP1CON1
WCOL
SSPOV
SSPEN
CKP
SSPM<3:0>
0000 0000 0000 0000
216h
SSP1CON2
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
0000 0000 0000 0000
217h
SSP1CON3
ACKTIM
PCIE
SCIE
BOEN
SDAHT
SBCDE
AHEN
DHEN
0000 0000 0000 0000
218h
to
21Fh
—
Unimplemented
—
—
Bank 5
28Ch
to
29Fh
—
Unimplemented
—
—
Bank 6
30Ch
to
31Fh
—
Unimplemented
—
—
Bank 7
38Ch
to
390h
—
Unimplemented
—
—
391h
IOCAP
—
—
IOCAP5
IOCAP4
IOCAP3
—
IOCAP1
IOCAP0
--00 0-00 --00 0-00
392h
IOCAN
—
—
IOCAN5
IOCAN4
IOCAN3
—
IOCAN1
IOCAN0
--00 0-00 --00 0-00
393h
IOCAF
—
—
IOCAF5
IOCAF4
IOCAF3
—
IOCAF1
IOCAF0
--00 0-00 --00 0-00
394h
IOCBP(1)
IOCBP7
IOCBP6
IOCBP5
IOCBP4
—
—
—
—
0000 ---- 0000 ----
395h
IOCBN(1)
IOCBN7
IOCBN6
IOCBN5
IOCBN4
—
—
—
—
0000 ---- 0000 ----
396h
IOCBF(1)
IOCBF7
IOCBF6
IOCBF5
IOCBF4
—
—
—
—
0000 ---- 0000 ----
397h
to
399h
—
Unimplemented
—
—
39Ah
CLKRCON
CLKREN
CLKROE
CLKRSLR
CLKRDC<1:0>
CLKRDIV<2:0>
0011 0000 0011 0000
39Bh
ACTCON
ACTEN
ACTUD
—
ACTSRC
ACTLOCK
—ACTORS
—
00-0 0-0- 00-0 0-0-
39Ch
to
39Fh
—
Unimplemented
—
—
Bank 8
40Ch
to
41Fh
—
Unimplemented
—
—
Bank 9
48Ch
to
49Fh
—
Unimplemented
—
—
TABLE 3-12:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Addres
s
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on all
other
Resets
Legend:
x = unknown, u = unchanged, q = value depends on condition, - = unimplemented, r = reserved. Shaded locations are unimplemented, read as ‘0’.
Note
1:
PIC16(L)F1459 only.
2:
PIC16(L)F1455/9 only.
3:
Unimplemented, read as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com