Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1459-ESOSQTP Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC16F1459-ESOSQTP
Description  14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1459-ESOSQTP Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC16F1459-ESOSQTP Datasheet HTML 35Page - Microchip Technology PIC16F1459-ESOSQTP Datasheet HTML 36Page - Microchip Technology PIC16F1459-ESOSQTP Datasheet HTML 37Page - Microchip Technology PIC16F1459-ESOSQTP Datasheet HTML 38Page - Microchip Technology PIC16F1459-ESOSQTP Datasheet HTML 39Page - Microchip Technology PIC16F1459-ESOSQTP Datasheet HTML 40Page - Microchip Technology PIC16F1459-ESOSQTP Datasheet HTML 41Page - Microchip Technology PIC16F1459-ESOSQTP Datasheet HTML 42Page - Microchip Technology PIC16F1459-ESOSQTP Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 418 page
background image
 2012 Microchip Technology Inc.
Preliminary
DS41639A-page 39
PIC16(L)F1454/5/9
Bank 2
10Ch
LATA
—
—LATA5
LATA4
—
—
—
—
--xx ---- --uu ----
10Dh
LATB(1)
LATB7
LATB6
LATB5
LATB4
—
—
—
—
xxxx ---- uuuu ----
10Eh
LATC
LATC7(1)
LATC6(1)
LATC5
LATC4
LATC3
LATC2
LATC1
LATC0
xxxx xxxx uuuu uuuu
10Fh
—
Unimplemented
—
—
110h
—
Unimplemented
—
—
111h
CM1CON0(2)
C1ON
C1OUT
C1OE
C1POL
—
C1SP
C1HYS
C1SYNC
0000 -100 0000 -100
112h
CM1CON1(2)
C1INTP
C1INTN
C1PCH<1:0>
—
C1NCH<2:0>
0000 -000 0000 -000
113h
CM2CON0(2)
C2ON
C2OUT
C2OE
C2POL
—
C2SP
C2HYS
C2SYNC
0000 -100 0000 -100
114h
CM2CON1(2)
C2INTP
C2INTN
C2PCH<1:0>
—
C2NCH<2:0>
0000 -000 0000 -000
115h
CMOUT(2)
—
—
—
—
—
—MC2OUT
MC1OUT
---- --00 ---- --00
116h
BORCON
SBOREN
BORFS
—
—
—
—
—
BORRDY
10-- ---q uu-- ---u
117h
FVRCON(2)
FVREN
FVRRDY
TSEN
TSRNG
CDAFVR<1:0>
ADFVR<1:0>
0q00 0000 0q00 0000
118h
DACCON0(2)
DACEN
—
DACOE1
DACOE2
DACPSS<1:0>
—
—
0-00 00-- 0-00 00--
119h
DACCON1(2)
—
—
—
DACR<4:0>
---0 0000 ---0 0000
11Ah
to
11Ch
—
Unimplemented
—
—
11Dh
APFCON
CLKRSEL SDOSEL(1)
SSSEL
—
T1GSEL
P2SEL(1)
—
—
000- --00 000- --00
11Eh
—
Unimplemented
—
—
11Fh
—
Unimplemented
—
—
Bank 3
18Ch
ANSELA(2)
—
—
—
ANSA4
—
—
—
—
---1 ---- ---1 ----
18Dh
ANSELB(1)
—
—
ANSB5
ANSB4
—
—
—
—
--11 ---- --11 ----
18Eh
ANSELC(2)
ANSC7(1)
ANSC6(1)
—
—
ANSC3
ANSC2
ANSC1
ANSC0
11-- 1111 11-- 1111
18Fh
—
Unimplemented
—
—
190h
—
Unimplemented
—
—
191h
PMADRL
Flash Program Memory Address Register Low Byte
0000 0000 0000 0000
192h
PMADRH
—(2)
Flash Program Memory Address Register High Byte
1000 0000 1000 0000
193h
PMDATL
Flash Program Memory Read Data Register Low Byte
xxxx xxxx uuuu uuuu
194h
PMDATH
—
—
Flash Program Memory Read Data Register High Byte
--xx xxxx --uu uuuu
195h
PMCON1
—(2)
CFGS
LWLO
FREE
WRERR
WREN
WR
RD
1000 x000 1000 q000
196h
PMCON2
Flash Program Memory Control Register 2
0000 0000 0000 0000
197h
VREGCON(1)
——————
VREGPM
Reserved
---- --01 ---- --01
198h
—
Unimplemented
—
—
199h
RCREG
USART Receive Data Register
0000 0000 0000 0000
19Ah
TXREG
USART Transmit Data Register
0000 0000 0000 0000
19Bh
SPBRGL
Baud Rate Generator Data Register Low
0000 0000 0000 0000
19Ch
SPBRGH
Baud Rate Generator Data Register High
0000 0000 0000 0000
19Dh
RCSTA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
0000 000x 0000 000x
19Eh
TXSTA
CSRC
TX9
TXEN
SYNC
SENDB
BRGH
TRMT
TX9D
0000 0010 0000 0010
19Fh
BAUDCON
ABDOVF
RCIDL
—
SCKP
BRG16
—
WUE
ABDEN
01-0 0-00 01-0 0-00
TABLE 3-12:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Addres
s
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on all
other
Resets
Legend:
x = unknown, u = unchanged, q = value depends on condition, - = unimplemented, r = reserved. Shaded locations are unimplemented, read as ‘0’.
Note
1:
PIC16(L)F1459 only.
2:
PIC16(L)F1455/9 only.
3:
Unimplemented, read as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com