Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1459-ESOSQTP Datasheet(PDF) 89 Page - Microchip Technology

Part # PIC16F1459-ESOSQTP
Description  14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1459-ESOSQTP Datasheet(HTML) 89 Page - Microchip Technology

Back Button PIC16F1459-ESOSQTP Datasheet HTML 85Page - Microchip Technology PIC16F1459-ESOSQTP Datasheet HTML 86Page - Microchip Technology PIC16F1459-ESOSQTP Datasheet HTML 87Page - Microchip Technology PIC16F1459-ESOSQTP Datasheet HTML 88Page - Microchip Technology PIC16F1459-ESOSQTP Datasheet HTML 89Page - Microchip Technology PIC16F1459-ESOSQTP Datasheet HTML 90Page - Microchip Technology PIC16F1459-ESOSQTP Datasheet HTML 91Page - Microchip Technology PIC16F1459-ESOSQTP Datasheet HTML 92Page - Microchip Technology PIC16F1459-ESOSQTP Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 418 page
background image
 2012 Microchip Technology Inc.
Preliminary
DS41639A-page 89
PIC16(L)F1454/5/9
TABLE 7-1:
SUMMARY OF REGISTERS ASSOCIATED WITH REFERENCE CLOCK SOURCES
TABLE 7-2:
SUMMARY OF CONFIGURATION WORD WITH REFERENCE CLOCK SOURCES
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
CLKRCON
CLKREN
CLKROE
CLKRSLR
CLKRDC<1:0>
CLKRDIV<2:0>
88
Legend:
— = unimplemented locations read as ‘0’. Shaded cells are not used by reference clock sources.
Name
Bits
Bit -/7
Bit -/6
Bit 13/5
Bit 12/4
Bit 11/3
Bit 10/2
Bit 9/1
Bit 8/0
Register
on Page
CONFIG1
13:8
—
—
FCMEN
IESO
CLKOUTEN
BOREN<1:0>
CPD
52
7:0
CP
MCLRE
PWRTE
WDTE<1:0>
FOSC<2:0>
Legend:
— = unimplemented locations read as ‘0’. Shaded cells are not used by reference clock sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com