Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1459-ESOSQTP Datasheet(PDF) 64 Page - Microchip Technology

Part # PIC16F1459-ESOSQTP
Description  14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1459-ESOSQTP Datasheet(HTML) 64 Page - Microchip Technology

Back Button PIC16F1459-ESOSQTP Datasheet HTML 60Page - Microchip Technology PIC16F1459-ESOSQTP Datasheet HTML 61Page - Microchip Technology PIC16F1459-ESOSQTP Datasheet HTML 62Page - Microchip Technology PIC16F1459-ESOSQTP Datasheet HTML 63Page - Microchip Technology PIC16F1459-ESOSQTP Datasheet HTML 64Page - Microchip Technology PIC16F1459-ESOSQTP Datasheet HTML 65Page - Microchip Technology PIC16F1459-ESOSQTP Datasheet HTML 66Page - Microchip Technology PIC16F1459-ESOSQTP Datasheet HTML 67Page - Microchip Technology PIC16F1459-ESOSQTP Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 418 page
background image
PIC16(L)F1454/5/9
DS41639A-page 64
Preliminary
 2012 Microchip Technology Inc.
5.2.2.5
Internal Oscillator Frequency
Selection Using the PLL
The Internal Oscillator Block can be used with the PLL
associated with the External Oscillator Block to
produce a 24 MHz, 32 MHz or 48 MHz internal system
clock source. The following settings are required to use
the PLL internal clock sources:
• The FOSC bits of the Configuration Words must
be set to use the INTOSC source as the device
system clock (FOSC<2:0> = 100).
• The SCS bits of the OSCCON register must be
cleared to use the clock determined by
FOSC<2:0> in Configuration Words
(SCS<1:0> = 00).
• For 24 MHz or 32 MHz, the IRCF bits of the
OSCCON register must be set to the 8 MHz
HFINTOSC set to use (IRCF<3:0> = 1110).
• For 48 MHz, the IRCF bits of the OSCCON regis-
ter must be set to the 16 MHz HFINTOSC set to
use (IRCF<3:0> = 1111).
• For 24 MHz or 48 MHz, the 3x PLL is required.
The SPLLMULT of the OSCCON register must be
set to use (SPLLMULT = 1).
• For 32 MHz, the 4x PLL is required. The
SPLLMULT of the OSCCON register must be
clear to use (SPLLMULT = 0).
• The SPLLEN bit of the OSCCON register must be
set to enable the PLL, or the PLLEN bit of the
Configuration Words must be programmed to a
'1'.
The PLL is not available for use with the internal oscil-
lator when the SCS bits of the OSCCON register are
set to '1x'. The SCS bits must be set to '00' to use the
PLL with the internal oscillator.
5.2.2.6
Internal Oscillator Clock Switch
Timing
When switching between the HFINTOSC and the
LFINTOSC, the new oscillator may already be shut
down to save power (see Figure 5-7). If this is the case,
there is a delay after the IRCF<3:0> bits of the
OSCCON register are modified before the frequency
selection takes place. The OSCSTAT register will
reflect the current active status of the HFINTOSC and
LFINTOSC oscillators. The sequence of a frequency
selection is as follows:
1.
IRCF<3:0> bits of the OSCCON register are
modified.
2.
If the new clock is shut down, a clock start-up
delay is started.
3.
Clock switch circuitry waits for a falling edge of
the current clock.
4.
The current clock is held low and the clock
switch circuitry waits for a rising edge in the new
clock.
5.
The new clock is now active.
6.
The OSCSTAT register is updated as required.
7.
Clock switch is complete.
See Figure 5-7 for more details.
If the internal oscillator speed is switched between two
clocks of the same source, there is no start-up delay
before the new frequency is selected. Clock switching
time delays are shown in Table 5-3.
Start-up delay specifications are located in the
oscillator
tables
of
Section 29.0
“Electrical
Specifications”.
Note:
When using the PLLEN bit of the
Configuration Words, the PLL cannot be
disabled by software. The 8 MHz and 16
MHz HFINTOSC options will no longer be
available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com