Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3.3-VLVCMOS Datasheet(PDF) 17 Page - Altera Corporation

Part # 3.3-VLVCMOS
Description  This chapterdescribes the electric characteristics, switching characteristics,and I/O timing for Cyclone III devices. A glossary is also included for your reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

3.3-VLVCMOS Datasheet(HTML) 17 Page - Altera Corporation

Back Button 3.3-VLVCMOS Datasheet HTML 13Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 14Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 15Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 16Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 17Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 18Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 19Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 20Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 21Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
Chapter 1: Cyclone III Device Datasheet
1–17
Switching Characteristics
July 2012
Altera Corporation
Cyclone III Device Handbook
Volume 2
Table 1–24 lists the active configuration mode specifications for Cyclone III devices.
Table 1–25 lists the JTAG timing parameters and values for Cyclone III devices.
Periphery Performance
This section describes periphery performance, including high-speed I/O, external
memory interface, and IOE programmable delay.
I/O performance supports several system interfacing, for example, the high-speed
I/O interface, external memory interface, and the PCI/PCI-X bus interface. I/O using
the SSTL-18 Class I termination standard can achieve up to the stated DDR2 SDRAM
interfacing speeds with typical DDR SDRAM memory interface setup. I/O using
general-purpose I/O standards such as 3.0-, 2.5-, 1.8-, or 1.5-LVTTL/LVCMOS are
capable of a typical 200 MHz interfacing frequency with a 10 pF load.
1 Actual achievable frequency depends on design- and system-specific factors. Perform
HSPICE/IBIS simulations based on your specific design and system setup to
determine the maximum achievable frequency in your system.
Table 1–24. Cyclone III Devices Active Configuration Mode Specifications
Programming Mode
DCLK Range
Unit
Active Parallel (AP)
20 – 40
MHz
Active Serial (AS)
20 – 40
MHz
Table 1–25. Cyclone III Devices JTAG Timing Parameters
(1)
Symbol
Parameter
Min
Max
Unit
tJCP
TCK clock period
40
ns
tJCH
TCK clock high time
20
ns
tJCL
TCK clock low time
20
ns
tJPSU_TDI
JTAG port setup time for TDI
1
ns
tJPSU_TMS JTAG port setup time for TMS
3
ns
tJPH
JTAG port hold time
10
ns
tJPCO
JTAG port clock to output (2)
—15
ns
tJPZX
JTAG port high impedance to valid output (2)
—15
ns
tJPXZ
JTAG port valid output to high impedance (2)
—15
ns
tJSSU
Capture register setup time
5
ns
tJSH
Capture register hold time
10
ns
tJSCO
Update register clock to output
25
ns
tJSZX
Update register high impedance to valid output
25
ns
tJSXZ
Update register valid output to high impedance
25
ns
Notes to Table 1–25:
(1) For more information about JTAG waveforms, refer to “JTAG Waveform” in “Glossary” on page 1–27.
(2) The specification is shown for 3.3-, 3.0-, and 2.5-V LVTTL/LVCMOS operation of JTAG pins. For 1.8-V LVTTL/LVCMOS
and 1.5-V LVCMOS, the JTAG port clock to output time is 16 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com