Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3.3-VLVCMOS Datasheet(PDF) 32 Page - Altera Corporation

Part # 3.3-VLVCMOS
Description  This chapterdescribes the electric characteristics, switching characteristics,and I/O timing for Cyclone III devices. A glossary is also included for your reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

3.3-VLVCMOS Datasheet(HTML) 32 Page - Altera Corporation

Back Button 3.3-VLVCMOS Datasheet HTML 26Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 27Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 28Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 29Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 30Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 31Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 32Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 33Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 34Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
1–32
Chapter 1: Cyclone III Device Datasheet
Document Revision History
Cyclone III Device Handbook
July 2012
Altera Corporation
Volume 2
Document Revision History
Table 1–40 lists the revision history for this document.
Table 1–40. Document Revision History (Part 1 of 3)
Date
Version
Changes
July 2012
3.5
Updated minimum fHSCLK value to 5 MHz.
December 2011
3.4
Updated “Supply Current” on page 1–5 and “Periphery Performance” on page 1–17.
Updated Table 1–3, Table 1–4, Table 1–13, Table 1–16, Table 1–17, Table 1–20, and
Table 1–25.
January 2010
3.3
Removed Table 1-32 and Table 1-33.
Added Literature: External Memory Interfaces reference.
December 2009
3.2
Minor changes to the text.
July 2009
3.1
Minor edit to the hyperlinks.
June 2009
3.0
Changed chapter title from DC and Switching Characteristics to “Cyclone III Device Data
Sheet” on page 1–1.
Updated (Note 1) to Table 1–23 on page 1–17.
Updated “External Memory Interface Specifications” on page 1–23.
Replaced Table 1–32 on page 1–23.
Replaced Table 1–33 on page 1–23.
Added Table 1–36 on page 1–26.
Updated “I/O Timing” on page 1–28.
Removed “Typical Design Performance” section.
Removed “I/O Timing” subsections.
October 2008
2.2
Updated chapter to new template.
Updated Table 1–1, Table 1–3, and Table 1–18.
Added (Note 7) to Table 1–3.
Added the “OCT Calibration Timing Specification” section.
Updated “Glossary” section.
July 2008
2.1
Updated Table 1–38.
Added BLVDS information (I/O standard) into Table 1–39, Table 1–40, Table 1–41,
Table 1–42.
Updated Table 1–43, Table 1–46, Table 1–47, Table 1–48, Table 1–49, Table 1–50,
Table 1–51, Table 1–52, Table 1–53, Table 1–54, Table 1–55, Table 1–56, Table 1–57,
Table 1–58, Table 1–59, Table 1–60, Table 1–61, Table 1–62, Table 1–63, Table 1–68,
Table 1–69, Table 1–74, Table 1–75, Table 1–80, Table 1–81, Table 1–86, Table 1–87,
Table 1–92, Table 1–93, Table 1–94, Table 1–95, Table 1–96, Table 1–97, Table 1–98, and
Table 1–99.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com