| Electronic Components Datasheet Search |
|
COMBOSMARTMETER Datasheet(PDF) 46 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
COMBOSMARTMETER Datasheet(HTML) 46 Page - Texas Instruments |
|
46 / 60 page ![]() (a) Current Output CT with Differential Input (b) Voltage Output CT with Single-Ended Input INP INN Device EMI Filter I I L N R2 R2 - OPAMPOUT OPAMPN OPAMPP Rf (AVDD + AVSS) 2 OPAMP_REF C R1 R1 INP INN Device EMI Filter V L N C - OPAMPOUT OPAMPN OPAMPP Rf (AVDD + AVSS) 2 OPAMP_REF R2 To PGA To PGA ADS131E04 ADS131E06 ADS131E08 SBAS561A – JUNE 2012 – REVISED APRIL 2013 www.ti.com CURRENT SENSING Figure 44 shows a simplified diagram of typical configurations used for current sensing with a Rogowski coil, current transformer (CT), or an air coil that outputs a current or voltage. In the case of the current output transformers, the burden resistors (R1) are used for current-to-voltage conversion. The output of the burden resistors is connected to the ADS131E0x INP and INN inputs through an antialiasing RC filter for current sensing. In the case of the voltage output transformers (such as certain types of Rogowski coils), the output terminals of the transformers are directly connected to the ADS131E0x INP and INN inputs through an antialiasing RC filter for current sensing. The common-mode bias voltage (AVDD + AVSS) / 2, can be obtained from the ADS131E0x by either configuring the internal op amp in a unity-gain configuration using the RF resistor and setting bit 3 of the CONFIG3 register, or it can be generated externally with a simple resistor divider network between the positive and negative supplies. The value of resistor R1 for the current output transformer and turns ratio of the transformer should be selected so as not to exceed the ADS131E0x full-scale differential input voltage (FSDI) range. Likewise, the output voltage (V) for the voltage output transformer should be selected to not exceed the FSDI. In addition, the selection of resistor (R) and turns ratio should not saturate the transformer over the full operating dynamic range of the energy meter. Figure 44a shows differential input current sensing and Figure 44b shows single-ended input sensing. Figure 44. Simplified Current Sensing Connections 46 Submit Documentation Feedback Copyright © 2012–2013, Texas Instruments Incorporated Product Folder Links: ADS131E04 ADS131E06 ADS131E08 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |