Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COMBOSMARTMETER Datasheet(PDF) 54 Page - Texas Instruments

Part # COMBOSMARTMETER
Description  Analog Front-End for Power Monitoring, Control, and Protection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COMBOSMARTMETER Datasheet(HTML) 54 Page - Texas Instruments

Back Button COMBOSMARTMETER Datasheet HTML 50Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 51Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 52Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 53Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 54Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 55Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 56Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 57Page - Texas Instruments COMBOSMARTMETER Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 60 page
background image
ADS131E04
ADS131E06
ADS131E08
SBAS561A – JUNE 2012 – REVISED APRIL 2013
www.ti.com
REVISION HISTORY
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (June 2012) to Revision A
Page
Deleted AGND to DGND row from Absolute Maximum Ratings table ................................................................................. 2
Changed value of Digital input to DVDD row in Absolute Maximum Ratings table .............................................................. 2
Changed Channel Performance (AC Performance), Accuracy parameter in Electrical Characteristics table ...................... 3
Added minimum and maximum specifications to External Reference, Reference input voltage parameter in Electrical
Characteristics table ............................................................................................................................................................. 3
Added minimum and maximum specifications to External Reference, VREFP parameter in Electrical Characteristics
table ...................................................................................................................................................................................... 3
Changed Internal Reference, VO parameter in Electrical Characteristics table .................................................................... 4
Changed Internal Reference, Temperature drift parameter in Electrical Characteristics table ............................................ 4
Changed TQFP-32 to TQFP-64 in pin configuration graphic header ................................................................................... 9
Added Figure 15 ................................................................................................................................................................. 12
Updated Figure 29 .............................................................................................................................................................. 23
Updated Figure 31 .............................................................................................................................................................. 27
Changed units in TEST_AMP bit description in CONFIG2 register ................................................................................... 39
Changed paragraph description for FAULT_STATP and FAULT_STATN registers .......................................................... 43
Changed number of bits in GPIOC[4:1] bit description in GPIO register ........................................................................... 43
54
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: ADS131E04 ADS131E06 ADS131E08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com