Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1512T-ESSQTP Datasheet(PDF) 158 Page - Microchip Technology

Part # PIC16F1512T-ESSQTP
Description  28-Pin Flash Microcontrollers with XLP Technology
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1512T-ESSQTP Datasheet(HTML) 158 Page - Microchip Technology

Back Button PIC16F1512T-ESSQTP Datasheet HTML 154Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 155Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 156Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 157Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 158Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 159Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 160Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 161Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 162Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 348 page
background image
PIC16(L)F1512/3
DS41624B-page 158
Preliminary
 2012 Microchip Technology Inc.
REGISTER 16-13: AADACQ: A/D ACQUISITION TIME CONTROL REGISTER
REGISTER 16-14: AADGRD: A/D GUARD RING CONTROL REGISTER
U-0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
—
ADACQ<6:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
Unimplemented:
Read as ‘0’
bit 6-0
ADACQ<6:0>:
Acquisition/Charge Share Time Select bits(1)
111 1111 = Acquisition/charge share for 127 instruction cycles
111 1110 = Acquisition/charge share for 126 instruction cycles
•
•
•
000 0001 = Acquisition/charge share for one instruction cycle (Fosc/4)
000 0000 = ADC Acquisition/charge share time is disabled
Note 1:
When the FRC clock is selected as the conversion clock source, it is also the clock used for the pre-
charge and acquisition times.
R/W-0/0
R/W-0/0
R/W-0/0
U-0
U-0
U-0
U-0
U-0
GRDBOE(2)
GRDAOE(2)
GRDPOL(1,2)
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other
Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
GRDBOE:
Guard Ring B Output Enable bit(2)
1 = ADC guard ring output is enabled to ADGRDB pin. Its corresponding TRISx bit must be clear.
0 = No ADC guard ring function to this pin is enabled
bit 6
GRDAOE:
Guard Ring A Output Enable bit(2)
1 = ADC Guard Ring Output is enabled to ADGRDA pin. Its corresponding TRISx, x bit must be clear.
0 = No ADC Guard Ring function is enabled
bit 5
GRDPOL:
Guard Ring Polarity Selection bit(1,2)
1 = ADC guard ring outputs start as digital high during pre-charge stage
0 = ADC guard ring outputs start as digital low during pre-charge stage
bit 4-0
Unimplemented:
Read as ‘0’
Note 1:
When the ADDSEN = 1 and ADIPEN = 1; the polarity of this output is inverted for the second conversion
time. The stored bit value does not change.
2:
Guard ring outputs are maintained while ADON = 1. The ADGRDA output switches polarity at the start of
the acquisition time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com