Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1512T-ESSQTP Datasheet(PDF) 162 Page - Microchip Technology

Part # PIC16F1512T-ESSQTP
Description  28-Pin Flash Microcontrollers with XLP Technology
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1512T-ESSQTP Datasheet(HTML) 162 Page - Microchip Technology

Back Button PIC16F1512T-ESSQTP Datasheet HTML 158Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 159Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 160Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 161Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 162Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 163Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 164Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 165Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 166Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 348 page
background image
PIC16(L)F1512/3
DS41624B-page 162
Preliminary
 2012 Microchip Technology Inc.
TABLE 16-6:
SUMMARY OF REGISTERS ASSOCIATED WITH ADC
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
AADCAP
—
—
—
—
—
ADDCAP<2:0>
159
AADCON0
—CHS<4:0>
GO/DONE
ADON
153
AADCON1
ADFM
ADCS<2:0>
—
—
ADPREF<1:0>
154
AADCON2
—TRIGSEL<2:0>
—
—
—
—
155
AADCON3
ADEPPOL
ADIPPOL
ADOLEN
ADOEN
ADOOEN
—
ADIPEN
ADDSEN
156
AADGRD
GRDBOE
GRDAOE
GRDPOL
—
—
—
—
—
158
AADPRE
—
ADPRE<6:0>
157
AADRES0H
A/D Result 0 Register High
160
AADRES0L
A/D Result 0 Register Low
160
AADRES1H
A/D Result 1 Register High
160
AADRES1L
A/D Result 1 Register Low
160
AADSTAT
—
—
—
—
—
ADCONV
ADSTG<1:0>
157
AADACQ
—
ADACQ<6:0>
158
ANSELA
—
—ANSA5
—
ANSA3
ANSA2
ANSA1
ANSA0
109
ANSELB
—
—
ANSB5
ANSB4
ANSB3
ANSB2
ANSB1
ANSB0
113
ANSELC
ANSC7
ANSC6
ANSC5
ANSC4
ANSC3
ANSC2
—
—
116
CCP1CON
—
—
DC1B<1:0>
CCP1M<3:0>
246
CCP2CON
—
—
DC2B<1:0>
CCP2M<3:0>
246
FVRCON
FVREN
FVRRDY
TSEN
TSRNG
—
—ADFVR<1:0>
126
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
72
PIE1
TMR1GIE
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
73
PIR1
TMR1GIF
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
75
TRISA
TRISA7
TRISA6
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
108
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3
TRISB2
TRISB1
TRISB0
112
TRISC
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
115
Legend:
— = unimplemented read as ‘0’. Shaded cells are not used for ADC module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com