Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1512T-ESSQTP Datasheet(PDF) 160 Page - Microchip Technology

Part # PIC16F1512T-ESSQTP
Description  28-Pin Flash Microcontrollers with XLP Technology
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1512T-ESSQTP Datasheet(HTML) 160 Page - Microchip Technology

Back Button PIC16F1512T-ESSQTP Datasheet HTML 156Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 157Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 158Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 159Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 160Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 161Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 162Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 163Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 164Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 348 page
background image
PIC16(L)F1512/3
DS41624B-page 160
Preliminary
 2012 Microchip Technology Inc.
REGISTER 16-16: AADRESxH: ADC RESULT REGISTER MSB ADFM = 0(1)
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
ADRESx<9:2>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-0
AD<9:2>
: Most Significant A/D results
Note 1:
See Section 16.5.1 “ADC Register Mapping” for more information.
REGISTER 16-17: AADRESxL: ADC RESULT REGISTER LSB ADFM = 0(1)
R/W-x/u
R/W-x/u
U-0
U-0
U-0
U-0
U-0
U-0
ADRESx<1:0>
—
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-6
AD<1:0>
: ADC Result Register bits
Lower two bits of 10-bit conversion result
bit 5-0
Reserved
: Do not use.
Note 1:
See Section 16.5.1 “ADC Register Mapping” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com