Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1512T-ESSQTP Datasheet(PDF) 159 Page - Microchip Technology

Part # PIC16F1512T-ESSQTP
Description  28-Pin Flash Microcontrollers with XLP Technology
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1512T-ESSQTP Datasheet(HTML) 159 Page - Microchip Technology

Back Button PIC16F1512T-ESSQTP Datasheet HTML 155Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 156Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 157Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 158Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 159Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 160Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 161Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 162Page - Microchip Technology PIC16F1512T-ESSQTP Datasheet HTML 163Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 348 page
background image
 2012 Microchip Technology Inc.
Preliminary
DS41624B-page 159
PIC16(L)F1512/3
REGISTER 16-15: AADCAP: A/D ADDITIONAL SAMPLE CAPACITOR SELECTION REGISTER
U-0
U-0
U-0
U-0
U-0
R/W-0/0
R/W-0/0
R/W-0/0
—
ADDCAP<2:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other
Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-3
Unimplemented:
Read as ‘0’
bit 2-0
ADDCAP:
ADC Additional Sample Capacitor Selection bits
111 = Nominal additional sample capacitor of 28 pF
110 = Nominal additional sample capacitor of 24 pF
101 =
Nominal additional sample capacitor of 20 pF
100 = Nominal additional sample capacitor of 16 pF
011 = Nominal additional sample capacitor of 12 pF
010 = Nominal additional sample capacitor of 8 pF
001 = Nominal additional sample capacitor of 4 pF
000 = Additional sample capacitor is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com