Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC10LF322T-IMCSQTP Datasheet(PDF) 38 Page - Microchip Technology

Part # PIC10LF322T-IMCSQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10LF322T-IMCSQTP Datasheet(HTML) 38 Page - Microchip Technology

Back Button PIC10LF322T-IMCSQTP Datasheet HTML 34Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 35Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 36Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 37Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 38Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 39Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 40Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 41Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 210 page
background image
PIC10(L)F320/322
DS41585A-page 38
Preliminary
 2011 Microchip Technology Inc.
5.9
Determining the Cause of a Reset
Upon any Reset, multiple bits in the STATUS and
PCON register are updated to indicate the cause of the
Reset. Table 5-3 and Table 5-4 show the Reset condi-
tions of these registers.
TABLE 5-3:
RESET STATUS BITS AND THEIR SIGNIFICANCE
TABLE 5-4:
RESET CONDITION FOR SPECIAL REGISTERS
POR
BOR
TO
PD
Condition
0x1
1
Power-on Reset
u01
1
Brown-out Reset
uu0
u
WDT Reset
uu0
0
WDT Wake-up from Sleep
uuu
u
MCLR Reset during normal operation
uu1
0
MCLR Reset during Sleep
Condition
Program
Counter
STATUS
Register
PCON
Register
Power-on Reset
0000h
0001 1000
---- --0x
MCLR Reset during normal operation
0000h
000u uuuu
---- --uu
MCLR Reset during Sleep
0000h
0001 0uuu
---- --uu
WDT Reset
0000h
0000 uuuu
---- --uu
WDT Wake-up from Sleep
PC + 1
0000 0uuu
---- --uu
Brown-out Reset
0000h
0001 1uuu
---- --u0
Interrupt Wake-up from Sleep
PC + 1(1)
0001 0uuu
---- --uu
Legend: u
= unchanged, x = unknown, - = unimplemented bit, reads as ‘0’.
Note 1:
When the wake-up is due to an interrupt and Global Enable bit (GIE) is set, the return address is pushed on
the stack and PC is loaded with the interrupt vector (0004h) after execution of PC + 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com