Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC10LF322T-IMCSQTP Datasheet(PDF) 87 Page - Microchip Technology

Part # PIC10LF322T-IMCSQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10LF322T-IMCSQTP Datasheet(HTML) 87 Page - Microchip Technology

Back Button PIC10LF322T-IMCSQTP Datasheet HTML 83Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 84Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 85Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 86Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 87Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 88Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 89Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 90Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 210 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41585A-page 87
PIC10(L)F320/322
13.0
INTERNAL VOLTAGE
REGULATOR (IVR)
The Internal Voltage Regulator (IVR), which provides
operation above 3.6V is available on:
•PIC10(L)F320
•PIC10(L)F322
This circuit regulates a voltage for the internal device
logic while permitting the VDD and I/O pins to operate
at a higher voltage. When VDD approaches the
regulated voltage, the IVR output automatically tracks
the input voltage.
The IVR operates in one of three power modes based
on user configuration and peripheral selection. The
operating power modes are:
-High
-Low
- Power Save Sleep mode
Power modes are selected automatically depending on
the device operation, as shown in Table 13-1. Tracking
mode is selected automatically when VDD drops below
the safe operating voltage of the core.
TABLE 13-1:
IVR POWER MODES - REGULATED
Note:
IVR is disabled in Tracking mode, but will
consume
power.
See
Section 24.0
“Electrical Specifications”
for more
information.
VREGPM1 Bit
Sleep Mode
Memory Bias Power Mode
IVR Power Mode
x
No
EC Mode or INTOSC = 16 MHz (HP Bias)
High
INTOSC = 1 to 8 MHz (MP Bias)
INTOSC = 31 kHz to 500 kHz (LP Bias)
Low
0
Yes
Don’t Care
Low
1Yes
No HFINTOSC
Power Save(1)
No Peripherals
Note 1:
Forced to Low-Power mode by any of the following conditions:
•
BOR is enabled
•
HFINTOSC is an active peripheral source
•
Self-write is active
•
ADC is in an active conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com