Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC10LF322T-IMCSQTP Datasheet(PDF) 68 Page - Microchip Technology

Part # PIC10LF322T-IMCSQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10LF322T-IMCSQTP Datasheet(HTML) 68 Page - Microchip Technology

Back Button PIC10LF322T-IMCSQTP Datasheet HTML 64Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 65Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 66Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 67Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 68Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 69Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 70Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 71Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 210 page
background image
PIC10(L)F320/322
DS41585A-page 68
Preliminary
 2011 Microchip Technology Inc.
9.4
User ID, Device ID and
Configuration Word Access
Instead of accessing program memory, the User ID’s,
Device ID/Revision ID and Configuration Word can be
accessed when CFGS = 1 in the PMCON1 register.
This is the region that would be pointed to by
PC<13> = 1, but not all addresses are accessible.
Different access may exist for reads and writes. Refer
to Table 9-2.
When read access is initiated on an address outside
the
parameters
listed
in
Table 9-2,
the
PMDATH:PMDATL register pair is cleared, reading
back ‘0’s.
TABLE 9-2:
USER ID, DEVICE ID AND CONFIGURATION WORD ACCESS (CFGS = 1)
EXAMPLE 9-4:
CONFIGURATION WORD AND DEVICE ID ACCESS
Address
Function
Read Access
Write Access
2000h-2003h
User IDs
Yes
Yes
2006h
Device ID/Revision ID
Yes
No
2007h
Configuration Word
Yes
No
* This code block will read 1 word of program memory at the memory address:
*
PROG_ADDR_LO (must be 00h-08h) data will be returned in the variables;
*
PROG_DATA_HI, PROG_DATA_LO
BANKSEL
PMADRL
; not required on devices with 1 Bank of SFRs
MOVLW
PROG_ADDR_LO
;
MOVWF
PMADRL
; Store LSB of address
CLRF
PMADRH
; Clear MSB of address
BSF
PMCON1,CFGS
; Select Configuration Space
BCF
INTCON,GIE
; Disable interrupts
BSF
PMCON1,RD
; Initiate read
NOP
; Executed (See Figure 9-2)
NOP
; Ignored (See Figure 9-2)
BSF
INTCON,GIE
; Restore interrupts
MOVF
PMDATL,W
; Get LSB of word
MOVWF
PROG_DATA_LO
; Store in user location
MOVF
PMDATH,W
; Get MSB of word
MOVWF
PROG_DATA_HI
; Store in user location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com