Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC10LF322T-IMCSQTP Datasheet(PDF) 51 Page - Microchip Technology

Part # PIC10LF322T-IMCSQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10LF322T-IMCSQTP Datasheet(HTML) 51 Page - Microchip Technology

Back Button PIC10LF322T-IMCSQTP Datasheet HTML 47Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 48Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 49Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 50Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 51Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 52Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 53Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 54Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 210 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41585A-page 51
PIC10(L)F320/322
7.0
POWER-DOWN MODE (SLEEP)
The Power-down mode is entered by executing a
SLEEP
instruction.
Upon entering Sleep mode, the following conditions
exist:
1.
WDT will be cleared but keeps running, if
enabled for operation during Sleep.
2.
PD bit of the STATUS register is cleared.
3.
TO bit of the STATUS register is set.
4.
CPU clock is disabled.
5.
31 kHz LFINTOSC is unaffected and peripherals
that operate from it may continue operation in
Sleep.
6.
ADC is unaffected, if the dedicated FRC clock is
selected.
7.
I/O ports maintain the status they had before
SLEEP
was executed (driving high, low or high-
impedance).
8.
Resets other than WDT are not affected by
Sleep mode.
Refer to individual chapters for more details on
peripheral operation during Sleep.
To minimize current consumption, the following condi-
tions should be considered:
• I/O pins should not be floating
• External circuitry sinking current from I/O pins
• Internal circuitry sourcing current from I/O pins
• Current draw from pins with internal weak pull-ups
• Modules using 31 kHz LFINTOSC
• CWG and NCO modules using HFINTOSC
I/O pins that are high-impedance inputs should be
pulled to VDD or VSS externally to avoid switching cur-
rents caused by floating inputs.
Examples of internal circuitry that might be sourcing
current include the FVR module. See Section 12.0
“Fixed Voltage Reference (FVR)”
for more informa-
tion on these modules.
7.1
Wake-up from Sleep
The device can wake-up from Sleep through one of the
following events:
1.
External Reset input on MCLR pin, if enabled
2.
BOR Reset, if enabled
3.
POR Reset
4.
Watchdog Timer, if enabled
5.
Any external interrupt
6.
Interrupts by peripherals capable of running dur-
ing Sleep (see individual peripheral for more
information)
The first three events will cause a device Reset. The
last three events are considered a continuation of pro-
gram execution. To determine whether a device Reset
or wake-up event occurred, refer to Section 5.9
“Determining the Cause of a Reset”
.
When the SLEEP instruction is being executed, the next
instruction (PC + 1) is prefetched. For the device to
wake-up through an interrupt event, the corresponding
interrupt enable bit must be enabled. Wake-up will
occur regardless of the state of the GIE bit. If the GIE
bit is disabled, the device continues execution at the
instruction after the SLEEP instruction. If the GIE bit is
enabled, the device executes the instruction after the
SLEEP
instruction, the device will then call the Interrupt
Service Routine. In cases where the execution of the
instruction following SLEEP is not desirable, the user
should have a NOP after the SLEEP instruction.
The WDT is cleared when the device wakes up from
Sleep, regardless of the source of wake-up.
The Complementary Waveform Generator (CWG) and
the Numerically Controlled Oscillator (NCO) modules
can utilize the HFINTOSC oscillator as their respective
clock source. Under certain conditions, when the HFIN-
TOSC is selected for use with the CWG or NCO mod-
ules, the HFINTOSC will remain active during Sleep.
This will have a direct effect on the Sleep mode current.
Please refer to 21.0 “Complementary Waveform
Generator (CWG) Module”
and 20.0 “Numerically
Controlled Oscillator (NCO) Module”
for more infor-
mation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com