Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC10LF322T-IMCSQTP Datasheet(PDF) 84 Page - Microchip Technology

Part # PIC10LF322T-IMCSQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10LF322T-IMCSQTP Datasheet(HTML) 84 Page - Microchip Technology

Back Button PIC10LF322T-IMCSQTP Datasheet HTML 80Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 81Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 82Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 83Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 84Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 85Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 86Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 87Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 210 page
background image
PIC10(L)F320/322
DS41585A-page 84
Preliminary
 2011 Microchip Technology Inc.
TABLE 11-1:
SUMMARY OF REGISTERS ASSOCIATED WITH INTERRUPT-ON-CHANGE
REGISTER 11-3:
IOCAF: INTERRUPT-ON-CHANGE PORTA FLAG REGISTER
U-0
U-0
U-0
U-0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
—
—
—
—
IOCAF3
IOCAF2
IOCAF1
IOCAF0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
HS - Bit is set in hardware
bit 7-4
Unimplemented
: Read as ‘0’.
bit 3-0
IOCAF<3:0>:
Interrupt-on-change PORTA Flag bits
1
= An enable change was detected on the associated pin.
Set when IOCAPx = 1 and a rising edge was detected on RAx, or when IOCANx = 1 and a falling
edge was detected on RAx.(1)
0
= No change was detected, or the user cleared the detected change.
Note 1:
Interrupt-on-change also requires that the IOCIE bit of the INTCON register be set (Register 6-1).
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
46
IOCAF
—
—
—
—
IOCAF3
IOCAF2
IOCAF1
IOCAF0
84
IOCAN
—
—
—
—
IOCAN3
IOCAN2
IOCAN1
IOCAN0
83
IOCAP
—
—
—
—
IOCAP3
IOCAP2
IOCAP1
IOCAP0
83
TRISA
—
—
—
—
—(1)
TRISA2
TRISA1
TRISA0
77
Legend:
— = unimplemented location, read as ‘0’. Shaded cells are not used by Interrupt-on-Change.
Note 1:
Unimplemented, read as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com