Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC10LF322T-IMCSQTP Datasheet(PDF) 61 Page - Microchip Technology

Part # PIC10LF322T-IMCSQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10LF322T-IMCSQTP Datasheet(HTML) 61 Page - Microchip Technology

Back Button PIC10LF322T-IMCSQTP Datasheet HTML 57Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 58Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 59Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 60Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 61Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 62Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 63Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 64Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 210 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41585A-page 61
PIC10(L)F320/322
9.2.3
ERASING FLASH PROGRAM
MEMORY
While executing code, program memory can only be
erased by rows. To erase a row:
1.
Load the PMADRH:PMADRL register pair with
any address within the row to be erased.
2.
Clear the CFGS bit of the PMCON1 register.
3.
Set the FREE and WREN bits of the PMCON1
register.
4.
Write 55h, then AAh, to PMCON2 (Flash
programming unlock sequence).
5.
Set control bit WR of the PMCON1 register to
begin the erase operation.
See Example 9-2.
After the “BSF PMCON1,WR” instruction, the processor
requires two cycles to set up the erase operation. The
user must place two NOP instructions after the WR bit is
set. The processor will halt internal operations for the
typical 2 ms erase time. This is not Sleep mode as the
clocks and peripherals will continue to run. After the
erase cycle, the processor will resume operation with
the third instruction after the PMCON1 write instruction.
FIGURE 9-4:
FLASH PROGRAM
MEMORY ERASE
FLOWCHART
Disable Interrupts
(GIE = 0)
Start
Erase Operation
Select
Program or Configuration Memory
(CFGS)
Select Row Address
(PMADRH:PMADRL)
Select Erase Operation
(FREE = 1)
Enable Write/Erase Operation
(WREN = 1)
Unlock Sequence
(FIGURE x-x)
Disable Write/Erase Operation
(WREN = 0)
Re-enable Interrupts
(GIE = 1)
End
Erase Operation
CPU stalls while
ERASE operation completes
(2ms typical)
Figure 9-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com