Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC10LF322T-IMCSQTP Datasheet(PDF) 156 Page - Microchip Technology

Part # PIC10LF322T-IMCSQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10LF322T-IMCSQTP Datasheet(HTML) 156 Page - Microchip Technology

Back Button PIC10LF322T-IMCSQTP Datasheet HTML 152Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 153Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 154Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 155Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 156Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 157Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 158Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 159Page - Microchip Technology PIC10LF322T-IMCSQTP Datasheet HTML 160Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 210 page
background image
PIC10(L)F320/322
DS41585A-page 156
Preliminary
 2011 Microchip Technology Inc.
22.2
Low-Voltage Programming Entry
Mode
The Low-Voltage Programming Entry mode allows the
PIC10(L)F320/322 devices to be programmed using
VDD only, without high voltage. When the LVP bit of
Configuration Word is set to ‘1’, the low-voltage ICSP
programming entry is enabled. To disable the
Low-Voltage ICSP mode, the LVP bit must be
programmed to ‘0’.
Entry into the Low-Voltage Programming Entry mode
requires the following steps:
1.
MCLR is brought to VIL.
2.
A 32-bit key sequence is presented on
ICSPDAT, while clocking ICSPCLK.
Once the key sequence is complete, MCLR must be
held at VIL for as long as Program/Verify mode is to be
maintained.
If low-voltage programming is enabled (LVP = 1), the
MCLR Reset function is automatically enabled and
cannot be disabled. See Section 5.3 “Low-Power
Brown-out Reset (LPBOR)”
for more information.
The LVP bit can only be reprogrammed to ‘0’ by using
the High-Voltage Programming mode.
22.3
Common Programming Interfaces
Connection to a target device is typically done through
an ICSP™ header. A commonly found connector on
development tools is the RJ-11 in the 6P6C (6 pin, 6
connector) configuration. See Figure 22-2.
FIGURE 22-2:
ICD RJ-11 STYLE
CONNECTOR INTERFACE
Another connector often found in use with the PICkit™
programmers is a standard 6-pin header with 0.1 inch
spacing. Refer to Figure 22-3.
FIGURE 22-3:
PICkit™ STYLE CONNECTOR INTERFACE
1
2
3
4
5
6
Target
Bottom Side
PC Board
VPP/MCLR
VSS
ICSPCLK
VDD
ICSPDAT
NC
Pin Description*
1 = VPP/MCLR
2 = VDD Target
3 = VSS (ground)
4 = ICSPDAT
5 = ICSPCLK
6 = No Connect
1
2
3
4
5
6
* The 6-pin header (0.100" spacing) accepts 0.025" square pins.
Pin Description*
1 = VPP/MCLR
2 = VDD Target
3 = VSS (ground)
4 = ICSPDAT
5 = ICSPCLK
6 = No Connect
Pin 1 Indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com