Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9516-5PCBZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD9516-5PCBZ
Description  14-Output Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-5PCBZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9516-5PCBZ Datasheet HTML 28Page - Analog Devices AD9516-5PCBZ Datasheet HTML 29Page - Analog Devices AD9516-5PCBZ Datasheet HTML 30Page - Analog Devices AD9516-5PCBZ Datasheet HTML 31Page - Analog Devices AD9516-5PCBZ Datasheet HTML 32Page - Analog Devices AD9516-5PCBZ Datasheet HTML 33Page - Analog Devices AD9516-5PCBZ Datasheet HTML 34Page - Analog Devices AD9516-5PCBZ Datasheet HTML 35Page - Analog Devices AD9516-5PCBZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 76 page
background image
AD9516-5
Rev. A | Page 32 of 76
The voltage on the capacitor can be sensed by an external
comparator connected to the LD pin. However, there is an
internal LD pin comparator that can be read at the REFMON
pin control (Register 0x01B[4:0]) or the STATUS pin control
(Register 0x017[7:2]) as an active high signal. It is also available
as an active low signal (REFMON, Register 0x01B[4:0] and
STATUS, Register 0x017[7:2]). The internal LD pin comparator
trip point and hysteresis are listed in Table 12.
AD9516-5
LD
REFMON
OR
STATUS
C
VOUT
110µA
DLD
LD PIN
COMPARATOR
Figure 39. Current Source Lock Detect
External VCXO/VCO Clock Input (CLK/CLK)
CLK is a differential input that can be used to drive the AD9516
clock distribution section. This input can receive up to 2.4 GHz.
The pins are internally self-biased, and the input signal should
be ac-coupled via capacitors.
VS
CLOCK INPUT
STAGE
CLK
CLK
5kΩ
5kΩ
2.5kΩ
2.5kΩ
Figure 40. CLK Equivalent Input Circuit
The CLK/CLK input can be used either as a distribution only
input (with the PLL off), or as a feedback input for an external
VCO/VCXO using the PLL. The CLK/CLK input can be used
for frequencies up to 2.4 GHz.
Holdover
The AD9516 PLL has a holdover function. Holdover is
implemented by putting the charge pump into a high impedance
state. This is useful when the PLL reference clock is lost. Holdover
mode allows the VCO to maintain a relatively constant frequency
even though there is no reference clock. Without this function,
the charge pump is placed into a constant pump-up or pump-
down state, resulting in a large VCO frequency shift. Because
the charge pump is placed in a high impedance state, any leakage
that occurs at the charge pump output or the VCO tuning node
causes a drift of the VCO frequency. This can be mitigated by
using a loop filter that contains a large capacitive component
because this drift is limited by the current leakage induced slew
rate (ILEAK/C) of the VCO control voltage. For most applications,
the frequency is sufficient for 3 sec to 5 sec.
Both a manual holdover mode, using the SYNC pin, and an
automatic holdover mode are provided. To use either function,
the holdover function must be enabled (Register 0x01D[0] and
Register 0x01D[2]).
Manual Holdover Mode
A manual holdover mode can be enabled that allows the user
to place the charge pump into a high impedance state when the
SYNC pin is asserted low. This operation is edge sensitive, not
level sensitive. The charge pump enters a high impedance state
immediately. To take the charge pump out of a high impedance
state, take the SYNC pin high. The charge pump then leaves the
high impedance state synchronously with the next PFD rising
edge from the reference clock. This prevents extraneous charge
pump events from occurring during the time between SYNC
going high and the next PFD event. This also means that the
charge pump stays in a high impedance state as long as there is
no reference clock present.
The B counter (in the N divider) is reset synchronously with the
charge pump leaving the high impedance state on the reference
path PFD event. This helps align the edges out of the R and N
dividers for faster settling of the PLL. Because the prescaler is
not reset, this feature works best when the B and R numbers are
close because this results in a smaller phase difference for the
loop to settle out.
When using this mode, set the channel dividers to ignore the
SYNC pin (at least after an initial SYNC event). If the dividers are
not set to ignore the SYNC pin, the distribution outputs turn off
each time SYNC is taken low to put the part into holdover.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com