Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9516-5PCBZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD9516-5PCBZ
Description  14-Output Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-5PCBZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9516-5PCBZ Datasheet HTML 13Page - Analog Devices AD9516-5PCBZ Datasheet HTML 14Page - Analog Devices AD9516-5PCBZ Datasheet HTML 15Page - Analog Devices AD9516-5PCBZ Datasheet HTML 16Page - Analog Devices AD9516-5PCBZ Datasheet HTML 17Page - Analog Devices AD9516-5PCBZ Datasheet HTML 18Page - Analog Devices AD9516-5PCBZ Datasheet HTML 19Page - Analog Devices AD9516-5PCBZ Datasheet HTML 20Page - Analog Devices AD9516-5PCBZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 76 page
background image
AD9516-5
Rev. A | Page 17 of 76
Pin No.
Input/
Output
Pin Type
Mnemonic
Description
16
I
3.3 V CMOS
SCLK
Serial Control Port Data Clock Signal.
17
I
3.3 V CMOS
CS
Serial Control Port Chip Select; Active Low. This pin has an internal 30 kΩ pull-up
resistor.
21
O
3.3 V CMOS
SDO
Serial Control Port Unidirectional Serial Data Output.
22
I/O
3.3 V CMOS
SDIO
Serial Control Port Bidirectional Serial Data Input/Output.
23
I
3.3 V CMOS
RESET
Chip Reset; Active Low. This pin has an internal 30 kΩ pull-up resistor.
24
I
3.3 V CMOS
PD
Chip Power-Down; Active Low. This pin has an internal 30 kΩ pull-up resistor.
25
O
LVPECL
OUT4
LVPECL Output; One Side of a Differential LVPECL Output.
26
O
LVPECL
OUT4
LVPECL Output; One Side of a Differential LVPECL Output.
27, 41, 54
I
Power
VS_LVPECL
Extended Voltage 2.5 V to 3.3 V LVPECL Power Pins.
28
O
LVPECL
OUT5
LVPECL Output; One Side of a Differential LVPECL Output.
29
O
LVPECL
OUT5
LVPECL Output; One Side of a Differential LVPECL Output.
33
O
LVDS or CMOS
OUT8 (OUT8A)
LVDS/CMOS Output; One Side of a Differential LVDS Output, or a Single-Ended
CMOS Output.
34
O
LVDS or CMOS
OUT8 (OUT8B)
LVDS/CMOS Output; One Side of a Differential LVDS Output, or a Single-Ended
CMOS Output.
35
O
LVDS or CMOS
OUT9 (OUT9A)
LVDS/CMOS Output; One Side of a Differential LVDS Output, or a Single-Ended
CMOS Output.
36
O
LVDS or CMOS
OUT9 (OUT9B)
LVDS/CMOS Output; One Side of a Differential LVDS Output, or a Single-Ended
CMOS Output.
37, 44, 59,
EPAD
I
GND
GND
Ground Pins, Including External Paddle (EPAD). The external die paddle on the
bottom of the package must be connected to ground for proper operation.
39
O
LVPECL
OUT3
LVPECL Output; One Side of a Differential LVPECL Output.
40
O
LVPECL
OUT3
LVPECL Output; One Side of a Differential LVPECL Output.
42
O
LVPECL
OUT2
LVPECL Output; One Side of a Differential LVPECL Output.
43
O
LVPECL
OUT2
LVPECL Output; One Side of a Differential LVPECL Output.
45
O
LVDS or CMOS
OUT7 (OUT7B)
LVDS/CMOS Output; One Side of a Differential LVDS Output, or a Single-Ended
CMOS Output.
46
O
LVDS or CMOS
OUT7 (OUT7A)
LVDS/CMOS Output; One Side of a Differential LVDS Output, or a Single-Ended
CMOS Output.
47
O
LVDS or CMOS
OUT6 (OUT6B)
LVDS/CMOS Output; One Side of a Differential LVDS Output, or a Single-Ended
CMOS Output.
48
O
LVDS or CMOS
OUT6 (OUT6A)
LVDS/CMOS Output; One Side of a Differential LVDS Output, or a Single-Ended
CMOS Output.
52
O
LVPECL
OUT1
LVPECL Output; One Side of a Differential LVPECL Output.
53
O
LVPECL
OUT1
LVPECL Output; One Side of a Differential LVPECL Output.
55
O
LVPECL
OUT0
LVPECL Output; One Side of a Differential LVPECL Output.
56
O
LVPECL
OUT0
LVPECL Output; One Side of a Differential LVPECL Output.
58
O
Current set
resistor
RSET
A resistor connected to this pin sets internal bias currents. Nominal value = 4.12 kΩ.
62
O
Current set
resistor
CPRSET
A resistor connected to this pin sets the CP current range. Nominal value = 5.1 kΩ.
This resistor can be omitted if the PLL is not used.
63
I
Reference
input
REFIN (REF2)
Along with REFIN, this pin is the differential input for the PLL reference.
Alternatively, this pin is a single-ended input for REF2. This pin can be left
unconnected when the PLL is not used.
64
I
Reference
input
REFIN (REF1)
Along with REFIN, this pin is the differential input for the PLL reference.
Alternatively, this pin is a single-ended input for REF1. This pin can be left
unconnected when the PLL is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com